Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS612D Datasheet(PDF) 3 Page - STMicroelectronics |
|
TS612D Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 11 page TS612 3/11 ELECTRICAL CHARACTERISTICS V CC = ±6Volts, Tamb = 25°C (unless otherwise specified) Symbol Parameter Test Condition Min. Typ. Max Unit DC PERFORMANCE Vio Input Offset Voltage Tamb -6 -1 6 mV Tmin. < Tamb < Tmax. 10 ∆V io Differential Input Offset Voltage Tamb = 25°C 6mV Iio Input Offset Current Tamb 0.2 3 µA Tmin. < Tamb < Tmax. 5 Iib Input Bias Current Tamb 515 µA Tmin. < Tamb < Tmax. 30 CMR Common Mode Rejection Ratio Vic = 2V to 2V, Tamb 90 108 dB Tmin. < Tamb < Tmax. 70 SVR Supply Voltage Rejection Ratio Vic = ±6V to ±4V, Tamb 70 88 dB Tmin. < Tamb < Tmax. 50 ICC Total Supply Current per Operator No load, Vout = 0 14 mA DYNAMIC PERFORMANCE VOH High Level Output Voltage Iout = 160mA RL connected to GND 4 4.5 V VOL Low Level Output Voltage Iout = 160mA RL connected to GND -4.5 -4 V AVD Large Signal Voltage Gain Vout = 7V peak RL = 25Ω, Tamb 6500 11000 V/V Tmin. < Tamb < Tmax. 5000 GBP Gain Bandwidth Product AVCL = +11, f = 20MHz RL = 100Ω 80 130 MHz SR Slew Rate AVCL = +7, RL = 50Ω 23 40 V/ µs Iout Output Short Circuit Current ±320 mA Isink Output Sink Current Vic = ±6V, Tamb +200 mA Tmin. < Tamb < Tmax. +180 Isource Output Source Current Vic = ±6V, Tamb -200 mA Tmin. < Tamb < Tmax. -180 ΦM14 Phase Margin at AVCL = 14dB RL = 25Ω//15pF 60 ° ΦM6 Phase Margin at AVCL = 6dB RL = 25Ω//15pF 40 ° |
Número de pieza similar - TS612D |
|
Descripción similar - TS612D |