Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G0AMH45P32 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

No. de pieza G0AMH45P32
Descripción Electrónicos  Absolute encoders - modular bus covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IVO [Baumer IVO GmbH & Co. KG]
Página de inicio  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G0AMH45P32 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  G0AMH45P32 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G0AMH45P32 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG G0AMH45P32 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG G0AMH45P32 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Absolute encoders - modular bus covers
3
www.baumerivo.com
www.baumerivo.com
G0AMH, G0MMH - multivo
Optical sensing, hollow shaft up to ø14 mm
Single and multiturn encoder 13 bit ST / 16 bit MT
CANopen / DeviceNet / Profibus
Dimensions
58
7.5
50
58
ø30
20
15°
M3 x 6 (6x) ø14H7 (ø12H7)
15 (9.5)
G0AMH, G0MMH DeviceNet
ø30
ø14H7 (ø12H7)
58
15 (9.5)
7.5
50
58
20
15°
M3 x 6 (6x)
G0AMH, G0MMH CANopen, Profibus


Número de pieza similar - G0AMH45P32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
G0A100HA0023 PANASONIC-G0A100HA0023 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A100ZA0041 PANASONIC-G0A100ZA0041 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A150ZA0041 PANASONIC-G0A150ZA0041 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A220GA0026 PANASONIC-G0A220GA0026 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A220ZA0041 PANASONIC-G0A220ZA0041 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

Descripción similar - G0AMH45P32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Baumer IVO GmbH & Co. K...
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G1MMH IVO-G1MMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GXMMW IVO-GXMMW Datasheet
735Kb / 4P
   Absolute encoders - modular bus covers
GEMMW IVO-GEMMW Datasheet
384Kb / 2P
   Absolute encoders - modular bus covers
GXMMS IVO-GXMMS Datasheet
716Kb / 4P
   Absolute encoders - modular bus covers
GBAMS IVO-GBAMS Datasheet
667Kb / 4P
   Absolute encoders - modular bus covers
GBAMW IVO-GBAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
   Absolute encoders - modular bus covers
GEMMH IVO-GEMMH Datasheet
494Kb / 4P
   Absolute encoders - modular bus covers
GCMMS IVO-GCMMS Datasheet
664Kb / 4P
   Absolute encoders - modular bus covers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com