Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC847C Datasheet(PDF) 4 Page - NXP Semiconductors |
|
BC847C Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 15 page BC847_BC547_SER_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 10 December 2008 4 of 15 NXP Semiconductors BC847/BC547 series 45 V, 100 mA NPN general-purpose transistors [1] /DG: halogen-free [2] Also available in SOT54 and SOT54 variant packages (see Section 2 and Section 9). 4. Marking [1] /DG: halogen-free [2] * = -: made in Hong Kong * = p: made in Hong Kong * = t: made in Malaysia * = W: made in China BC847T SC-75 plastic surface-mounted package; 3 leads SOT416 BC847AT BC847AT/DG BC847BT BC847CT BC847AM SC-101 leadless ultra small plastic package; 3 solder lands; body 1.0 × 0.6 × 0.5 mm SOT883 BC847BM BC847CM BC547[2] SC-43A plastic single-ended leaded (through hole) package; 3 leads SOT54 BC547B[2] BC547C[2] Table 4. Ordering information …continued Type number[1] Package Name Description Version Table 5. Marking codes Type number[1] Marking code[2] Type number[1] Marking code[2] BC847 1H* BC847AT 1E BC847A 1E* BC847AT/DG B5 BC847B 1F* BC847BT 1F BC847B/DG *BC BC847CT 1G BC847C 1G* BC847AM D4 BC847W 1H* BC847BM D5 BC847AW 1E* BC847CM D6 BC847BW 1F* BC547 C547 BC847BW/DG G9* BC547B C547B BC847CW 1G* BC547C C547C BC847T 1N - - |
Número de pieza similar - BC847C |
|
Descripción similar - BC847C |