Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS2300-CP-CZZR Datasheet(PDF) 7 Page - Cirrus Logic |
|
CS2300-CP-CZZR Datasheet(HTML) 7 Page - Cirrus Logic |
7 / 32 page CS2300-CP DS843PP1 7 AC ELECTRICAL CHARACTERISTICS Test Conditions (unless otherwise specified): VD = 3.1 V to 3.5 V; TA = -10°C to +70°C (Commercial Grade); CL =15pF. Notes: 3. tCS represents the time from the removal of CLK_IN by which CLK_IN must be re-applied to ensure that PLL_OUT continues while the PLL re-acquires lock. This timeout is based on the internal VCO frequen- cy, with the minimum timeout occurring at the maximum VCO frequency. Lower VCO frequencies will result in larger values of tCS. 4. Only valid in clock skipping mode; See “CLK_IN Skipping Mode” on page 13 for more information. 5. fCLK_OUT = 24.576 MHz; Sample size = 10,000 points; AuxOutSrc[1:0] = 11. 6. In accordance with AES-12id-2006 section 3.4.2. Measurements are Time Interval Error taken with 3rd order 100 Hz to 40 kHz bandpass filter. 7. In accordance with AES-12id-2006 section 3.4.1. Measurements are Time Interval Error taken with 3rd order 100 Hz Highpass filter. 8. 1 UI (unit interval) corresponds to tCLK_IN or 1/fCLK_IN. Parameters Symbol Conditions Min Typ Max Units Clock Input Frequency (Auto R-Mod Disabled) fCLK_IN 50 Hz - 30 MHz Clock Input Frequency (Auto R-mod Enabled) fCLK_IN Auto R Modifier = 1 Auto R Modifier = 0.5 Auto R Modifier = 0.25 4 72 168 - - - 59 138 256 kHz kHz kHz Clock Input Pulse Width pwCLK_IN fCLK_IN < 175 kHz fCLK_IN > 175 kHz 140 10 - - - - ns ns Clock Skipping Timeout tCS (Notes 3, 4)20 - - ms Clock Skipping Input Frequency fCLK_SKIP (Note 4) 50 Hz - 80 kHz PLL Clock Output Frequency fCLK_OUT 6- 75 MHz PLL Clock Output Duty Cycle tOD Measured at VD/2 48 50 52 % Clock Output Rise Time tOR 20% to 80% of VD - 1.7 3.0 ns Clock Output Fall Time tOF 80% to 20% of VD - 1.7 3.0 ns Period Jitter tJIT (Note 5) - 35 110 ps rms Base Band Jitter (100 Hz to 40 kHz) (Notes 5, 6) - 50 - ps rms Wide Band JItter (100 Hz Corner) (Notes 5, 7) - 150 - ps rms PLL Lock Time - CLK_IN (Note 8)tLC fCLK_IN < 200 kHz fCLK_IN > 200 kHz - - 100 1 200 3 UI ms |
Número de pieza similar - CS2300-CP-CZZR |
|
Descripción similar - CS2300-CP-CZZR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |