Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS3001 Datasheet(PDF) 9 Page - Cirrus Logic

No. de pieza CS3001
Descripción Electrónicos  Precision Low-voltage Amplifier; DC to 2 kHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3001 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS3001_08 Datasheet HTML 5Page - Cirrus Logic CS3001_08 Datasheet HTML 6Page - Cirrus Logic CS3001_08 Datasheet HTML 7Page - Cirrus Logic CS3001_08 Datasheet HTML 8Page - Cirrus Logic CS3001_08 Datasheet HTML 9Page - Cirrus Logic CS3001_08 Datasheet HTML 10Page - Cirrus Logic CS3001_08 Datasheet HTML 11Page - Cirrus Logic CS3001_08 Datasheet HTML 12Page - Cirrus Logic CS3001_08 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CS3001
CS3002
DS490F8
9
3.2
Open-loop Gain and Stability Compensation
3.2.1
Discussion
The CS3001 and CS3002 achieve ultra-high open
loop gain. Figure 16 illustrates the amplifier in a
non-inverting gain configuration. The open loop
gain and phase plots indicate that the amplifier is
stable for closed-loop gains less than 50 V/V and
R1
≤ 100 Ohms. For a gain of 50, the phase margin
is between 40
° and 60° depending upon the loading
conditions. As shown in Figure 17, on page 12, the
operational amplifier has an input capacitance at
the + and – signal inputs of typically 50 pF. This
capacitance adds an additional pole in the loop gain
transfer function at a frequency of f = 1/(2
πR*Cin)
where R is the parallel combination of R1 and R2
(R1
|| R2). A higher value for R produces a pole at
a lower frequency, thus reducing the phase margin.
R1 is recommended to be less than or equal to 100
ohms, which results in a pole at 30 MHz or higher.
If a higher value of R1 is desired, a compensation
capacitor (C2) should be added in parallel with R2.
C2 should be chosen such that R2*C2
≥ R1*C
in.
R1
R2
Vin
Vo
R
S
Figure 16. Non-inverting Gain Configuration


Número de pieza similar - CS3001_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS3001 CIRRUS-CS3001_09 Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
More results

Descripción similar - CS3001_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS3001 CIRRUS-CS3001_09 Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3011 CIRRUS-CS3011_07 Datasheet
466Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3011 CIRRUS-CS3011_09 Datasheet
732Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3011 CIRRUS-CS3011 Datasheet
131Kb / 4P
   Precision Low Voltage Amplifier; DC to 1 kHz
CS3001 CIRRUS-CS3001 Datasheet
287Kb / 16P
   PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
   Precision Low-voltage Amplifier
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
   Precision Low-voltage Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
   Precision Low-voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com