Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4245 Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS4245
Descripción Electrónicos  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4245_07 Datasheet HTML 6Page - Cirrus Logic CS4245_07 Datasheet HTML 7Page - Cirrus Logic CS4245_07 Datasheet HTML 8Page - Cirrus Logic CS4245_07 Datasheet HTML 9Page - Cirrus Logic CS4245_07 Datasheet HTML 10Page - Cirrus Logic CS4245_07 Datasheet HTML 11Page - Cirrus Logic CS4245_07 Datasheet HTML 12Page - Cirrus Logic CS4245_07 Datasheet HTML 13Page - Cirrus Logic CS4245_07 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
10
DS656F2
CS4245
DAC ANALOG CHARACTERISTICS
Test Conditions (unless otherwise specified): AGND = DGND = 0 V; VA = 3.13 V to 5.25 V; VD = 3.13 V to 5.25 V
or VA + 0.25 V, whichever is less; VLS = VLC = 1.71 V to 5.25 V; TA = -10° to +70° C for Commercial or -40° to
+85° C for Automotive; Output test signal: 997 Hz full-scale sine wave; Test load RL = 3 kΩ, CL = 10 pF (see
Figure 1), Fs = 48/96/192 kHz. Measurement Bandwidth 10 Hz to 20 kHz Synchronous mode; All Connections as
shown in Figure 12 on page 29.
4. One-half LSB of triangular PDF dither added to data.
5. Guaranteed by design. The DC current draw represents the allowed current draw from the AOUT pin
due to typical leakage through the electrolytic DC blocking capacitors.
Parameter
Commercial Grade
Automotive Grade
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Performance for VA = 4.75 V to 5.25 V
Dynamic Range
(Note 4)
18 to 24-Bit
A-Weighted
unweighted
16-Bit
A-Weighted
unweighted
98
95
90
87
104
101
96
93
-
-
-
-
96
93
88
85
104
101
96
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 4)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-90
-81
-41
-93
-73
-33
-84
-
-
-87
-
-
-
-
-
-
-
-
-90
-81
-41
-93
-73
-33
-82
-
-
-85
-
-
dB
dB
dB
dB
dB
dB
Dynamic Performance for VA = 3.13 V to 3.46 V
Dynamic Range
(Note 4)
18 to 24-Bit
A-Weighted
unweighted
16-Bit
A-Weighted
unweighted
95
92
88
85
101
98
93
90
-
-
-
-
93
90
86
83
101
98
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 4)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-87
-78
-38
-90
-70
-30
-79
-
-
-82
-
-
-
-
-
-
-
-
-87
-78
-38
-90
-70
-30
-77
-
-
-80
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
100
-
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
0.25
-
0.1
0.25
dB
Gain Drift
-
100
-
-
100
-
ppm/°C
Analog Output
Full Scale Output Voltage
0.60*VA 0.65*VA 0.70*VA 0.60*VA 0.65*VA 0.70*VA
Vpp
DC Current draw from an AOUT pin
(Note 5)
IOUT
--
10
--
10
μA
AC-Load Resistance
(Note 6)
RL
3-
-3-
-
k
Ω
Load Capacitance
(Note 6)
CL
-
-
100
-
-
100
pF
Output Impedance
ZOUT
-150
-
-
150-
Ω


Número de pieza similar - CS4245_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4245-CQZ CIRRUS-CS4245-CQZ Datasheet
1Mb / 54P
   105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
More results

Descripción similar - CS4245_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com