Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4265 Datasheet(PDF) 7 Page - Cirrus Logic

No. de pieza CS4265
Descripción Electrónicos  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4265 Datasheet HTML 3Page - Cirrus Logic CS4265 Datasheet HTML 4Page - Cirrus Logic CS4265 Datasheet HTML 5Page - Cirrus Logic CS4265 Datasheet HTML 6Page - Cirrus Logic CS4265 Datasheet HTML 7Page - Cirrus Logic CS4265 Datasheet HTML 8Page - Cirrus Logic CS4265 Datasheet HTML 9Page - Cirrus Logic CS4265 Datasheet HTML 10Page - Cirrus Logic CS4265 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
DS657F2
7
CS4265
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
SDA
1
Serial Control Data (Input/Output) - Bidirectional data line for the I²C control port.
SCL
2
Serial Control Port Clock (Input) - Serial clock for the I²C control port.
VLC
3
Control Port Power (Input) - Determines the required signal level for the control port interface. Refer to
the Recommended Operating Conditions for appropriate voltages.
RESET
4
Reset (Input) - The device enters a low-power mode when this pin is driven low.
VA
5
Analog Power (Input) - Positive power for the internal analog section.
AGND
6
Analog Ground (Input) - Ground reference for the internal analog section.
AINA
AINB
7,
8
Analog Input (Input) - The full-scale level is specified in the ADC Analog Characteristics specification
table.
SGND
9
Signal Ground (Input) - Ground reference for the analog line inputs.
AFILTA
AFILTB
10,
11
Antialias Filter Connection (Output) - Antialias filter connection for the ADC inputs.
VQ
12
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
FILT+
13
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
MICIN1
MICIN2
14,
15
Microphone Input (Input) - The full-scale level is specified in the ADC Analog Characteristics specifica-
tion table.
MICBIAS
16
Microphone Bias (Output) - Low noise bias supply for external microphone. Electrical characteristics
are specified in the DC Electrical Characteristics table.
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Top-Down (Through Package) View
32-Pin QFN Package
SDA
SCL
VLC
RESET
VA
AGND
AINA
AINB
SDIN2
TXSDIN
VLS
MUTEC
AOUTB
AOUTA
AGND
VA
Thermal Pad


Número de pieza similar - CS4265

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265-CNZ CIRRUS-CS4265-CNZ Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Descripción similar - CS4265

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com