Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4361 Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS4361
Descripción Electrónicos  20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4361 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4361 Datasheet HTML 6Page - Cirrus Logic CS4361 Datasheet HTML 7Page - Cirrus Logic CS4361 Datasheet HTML 8Page - Cirrus Logic CS4361 Datasheet HTML 9Page - Cirrus Logic CS4361 Datasheet HTML 10Page - Cirrus Logic CS4361 Datasheet HTML 11Page - Cirrus Logic CS4361 Datasheet HTML 12Page - Cirrus Logic CS4361 Datasheet HTML 13Page - Cirrus Logic CS4361 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
CS4361
Confidential Draft
2/12/08
sclkh
t
slrs
t
slrd
t
sdlrs
t
sdh
t
sclkl
t
SDATA
SCLK
LRCK
Figure 3. External Serial Mode Input Timing
SD ATA
*IN T E R N A L S C L K
LR C K
sclkw
t
sd lrs
t
sdh
t
sclk r
t
Figure 4. Internal Serial Mode Input Timing
* The SCLK pulses shown are internal to the CS4361.
SDATA
LRCK
MCLK
*INTERNAL SCLK
1
N
2
N
Figure 5. Internal Serial Clock Generation
* The SCLK pulses shown are internal to the CS4361.
N equals MCLK divided by SCLK


Número de pieza similar - CS4361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361-CZZ CIRRUS-CS4361-CZZ Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361-DZZ CIRRUS-CS4361-DZZ Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
More results

Descripción similar - CS4361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com