Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29015IROZ-EVALZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL29015IROZ-EVALZ
Descripción Electrónicos  Integrated Digital Ambient Light Sensor and Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29015IROZ-EVALZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL29015IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6522.0
October 31, 2008
programmable continuous proximity sensing. These six modes
can be programmed in series to fulfill the application needs.
The detailed program configuration is listed in “Register Set” on
page 6.
When the part is programmed for ambient light sensing, the
ambient light with wavelength within the “Ambient Light
Sensing” spectral response curve in Figure 6 is converted
into current. With ADC, the current is converted to an
unsigned n-bit (up to 16 bits) digital output.
When the part is programmed for infrared (IR) sensing, the
IR light with wavelength within the “IR or Proximity Sensing”
spectral response curve on Figure 6 is converted into
current. With ADC, the current is converted to an unsigned
n-bit (up to 16 bits) digital output.
When the part is programmed for proximity sensing, the
external IR LED is turned on by the built-in IR LED driver
through the IRDR pin. The amplitude of the IR LED current
and the IR LED modulation frequency can be programmed
through Command Register II. When the IR from the LED
reaches an object and gets reflected back, the reflected IR
light with wavelength within the “IR or Proximity Sensing”
spectral response curve in Figure 6 is converted into current.
With ADC, the current is converted to an unsigned n-bit (up
to 16 bits) digital output. The output reading is inversely
proportional to the square of the distance between the
sensor and the object. When there is significant background
IR noise like direct sunlight, both IR and proximity sensing
can be implemented for background noise cancellation. The
differential output reading from the ADC decreases with
distance.
I2C Interface
There are four 8-bit registers available inside the ISL29015.
The two command registers define the operation of the device.
The command registers do not change until the registers are
overwritten. The two 8-bit data Read Only registers are for the
ADC output. The data registers contain the ADC's latest digital
output, or the number of clock cycles in the previous integration
period.
The ISL29015’s I2C interface slave address is internally
hardwired as 1000100. When 1000100x with x as R or W is
sent after the Start condition, this device compares the first
seven bits of this byte to its address and matches.
Figure 1 shows a sample one-byte read. Figure 2 shows a
sample one-byte write. The I2C bus master always drives
the SCL (clock) line, while either the master or the slave can
drive the SDA (data) line. Figure 2 shows a sample write.
Every I2C transaction begins with the master asserting a
start condition (SDA falling while SCL remains high). The
following byte is driven by the master, and includes the slave
address and read/write bit. The receiving device is
responsible for pulling SDA low during the
acknowledgement period. Every I2C transaction ends with
the master asserting a stop condition (SDA rising while SCL
remains high).
For more information about the I2C standard, please consult
the Philips™ I2C specification documents.
FIGURE 1. I2C READ TIMING DIAGRAM SAMPLE
START
W A
A
A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A
A6 A5 A4 A3 A2 A1 A0 W A
A
A
A D7D6 D5 D4 D3 D2D1 D0
13
5
7
13
57
12 3
4 5
6
9
2
4
6
STOP START
SDA DRIVEN BY MASTER
DEVICE ADDRESS
SDA DRIVEN BY ISL29015
DATA BYTE0
REGISTER ADDRESS
OUT
DEVICE ADDRESS
I2C DATA
SDA DRIVEN BY MASTER
SDA DRIVEN BY MASTER
24
68 92
4
6
8 9
78
1
3
5
7
8
9
I2C SDA
I2C SDA
I2C CLK
IN
ISL29015


Número de pieza similar - ISL29015IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29015IROZ-EVALZ RENESAS-ISL29015IROZ-EVALZ Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
More results

Descripción similar - ISL29015IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9950 AVAGO-APDS-9950 Datasheet
796Kb / 23P
   Digital Proximity, RGB and Ambient Light Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com