Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21009BMB825EP Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL21009BMB825EP
Descripción Electrónicos  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BMB825EP Datasheet(HTML) 3 Page - Intersil Corporation

  ISL21009BMB825EP Datasheet HTML 1Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 2Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 3Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 4Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 5Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 6Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 7Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 8Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6744.0
December 15, 2008
Typical Performance Curves (ISL21009-25EP) (R
EXT = 100kΩ)
FIGURE 2. IIN vs VIN, 3 UNITS
FIGURE 3. IIN vs VIN, 3 TEMPERATURES
FIGURE 4. LINE REGULATION
FIGURE 5. LINE REGULATION OVER-TEMPERATURE
FIGURE 6. LOAD REGULATION
FIGURE 7. VOUT vs TEMPERATURE
0
20
40
60
80
100
120
140
3.5
5.5
7.5
9.5
11.5
13.5
15.5
VIN (V)
UNIT 1
UNIT 2
UNIT 3
80
90
100
110
120
3.5
5.5
7.5
9.5
11.5
13.5
15.5
VIN (V)
+25°C
+125°C
-40°C
2.49980
2.49985
2.49990
2.49995
2.50000
2.50005
2.50010
3.50
5.50
7.50
9.50
11.5
13.5
15.5
VIN (V)
UNIT 2
UNIT 3
UNIT 1
-200
-150
-100
-50
0
50
100
3.5
5.5
7.5
9.5
11.5
13.5
15.5
VIN (V)
+25°C
+125°C
-55°C
-0.15
-0.1
-0.05
0
0.05
0.1
-7
-5
-3
-1
1
SINKING
OUTPUT CURRENT (mA)
SOURCING
-55°C
+25°C
+125°C
35
7
2.4993
2.4994
2.4995
2.4996
2.4997
2.4998
2.4999
2.5000
2.5001
2.5002
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
UNIT 3
UNIT 2
UNIT 1
ISL21009MEP


Número de pieza similar - ISL21009BMB825EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL21009BMB825EP RENESAS-ISL21009BMB825EP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
More results

Descripción similar - ISL21009BMB825EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com