Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21060CFH630Z-TK Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL21060CFH630Z-TK
Descripción Electrónicos  Precision Reference with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060CFH630Z-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL21060CFH630Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN6706.3
December 16, 2008
Absolute Voltage Ratings
Thermal Information
Max Voltage
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
VOUT to GND (10s). . . . . . . . . . . . . . . . . . . . . .-0.5V to VOUT + 1V
Voltage on “DNC” pins . . . . . No connections permitted to these pins
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .550V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
6 Ld SOT-23 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
230
Continuous Power Dissipation (TA = +70°C, Note 3)
Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to +150°C
6 Ld SOT-23, derate
5.88mW/°C above +70°C . . . . . . . . . . . . . . . . . . . . . . . . . 471mW
Pb-free Reflow Profile (Note 2). . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at
the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTE:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Post-reflow drift for the ISL21060 devices will range from 100µV to 1.0mV based on experimental results with devices on FR4 double sided
boards. The design engineer must take this into account when considering the reference voltage after assembly.
Electrical Specifications
(ISL21060-20, VOUT = 2.048V) VIN = 3.0V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
2.048
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21060B20
-1.0
+1.0
mV
ISL21060C20
-2.5
+2.5
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 3)
ISL21060B
10
ppm/°C
ISL21060C
25
ppm/°C
VIN
Input Voltage Range
2.5
5.5
V
IIN
Supply Current
VEN = VIN
16
40
µA
ΔV
OUT /ΔVIN
Line Regulation
2.5V < VIN < 5.5V
50
150
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 10mA
3
50
µV/mA
Sinking: -5mA
≤ I
OUT ≤ 0mA
150
400
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
tR
Turn-on Settling Time
VOUT = ±0.1%
300
µs
Ripple Rejection
f = 10kHz
75
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
10
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
2.5
µVRMS
Noise Density
f = 1kHz
60
nV/
√Hz
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 4)
ΔT
A = +165°C
100
ppm
ΔV
OUT/Δt
Long Term Stability (Note 5)
TA = +25°C
100
ppm
OUTPUT DISABLE
VENH
Enable Logic High (ON)
1.6
V
VENL
Enable Logic Low (OFF)
0.8
V
IINSD
Shutdown Supply Current
VEN
≤ 0.35V
0.4
1.5
µA
ISL21060


Número de pieza similar - ISL21060CFH630Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21060CFH630Z-TK INTERSIL-ISL21060CFH630Z-TK Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21060CFH630Z-TK RENESAS-ISL21060CFH630Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

Descripción similar - ISL21060CFH630Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com