Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSC21020F-20MC-E Datasheet(PDF) 4 Page - ATMEL Corporation |
|
TSC21020F-20MC-E Datasheet(HTML) 4 Page - ATMEL Corporation |
4 / 50 page 4 TSC21020F 4153H–AERO–04/07 Development System The TSC21020F is supported with a complete set of software and hardware develop- ment tools from Analog Devices. The ADSP-21000 Family Development System from Analog Devices includes development software, an evaluation board and an in-circuit emulator. Assembler Creates relocatable, COFF (Common Object File Format) object files from ADSP-21xxx assembly source code. It accepts standard C preprocessor directives for conditional assembly and macro processing. The algebraic syntax of the ADSP-21xxx assembly language facilitates coding and debugging of DSP algorithms. Linker/Librarian The Linker processes separately assembled object files and library files to create a sin- gle executable program. It assigns memory locations to code and to data in accordance with a user-defined architecture file that describes the memory and I/O configuration of the target system. The Librarian allows you to group frequently used object files into a single library file that can be linked with your main program. Simulator The Simulator performs interactive, instruction-level simulation of ADSP-21xxx code within the hardware configuration described by a system architecture file. It flags illegal operations and supports full symbolic disassembly. It provides an easy-to-use, window oriented, graphical user interface that is identical to the one used by the ADSP- 21020 EZ-ICE Emulator. Commands are accessed from pull-down menus with a mouse. PROM Splitter Formats an executable file into files that can be used with an industry-standard PROM programmer. C Compiler and Runtime Library The C Compiler complies with ANSI specifications. It takes advantage of the TSC21020F's high-level language architectural features and incorporates optimizing algorithms to speed up the execution of code. It includes an extensive runtime library with over 100 standard and DSP-specific functions. C Source Level Debugger A full-featured C source level debugger that works with the simulator or EZ-ICE emula- tor to allow debugging of assembler source, C source, or mixed assembler and C. Numerical C Compiler Supports ANSI Standard (X3J11.1) Numerical C as defined by the Numeric C Exten- sions Group. The compiler accepts C source input containing Numerical C extensions for array selection, vector math operations, complex data types, circular pointers, and variably dimensioned arrays, and outputs ADSP-21xxx assembly language source code. ADSP- 21020 EZ-LAB® Evaluation Board The EZ-LAB Evaluation Board is a general-purpose, standalone TSC21020F system that includes 32K words of program memory and 32K words of data memory as well as analog I/O. A PC RS-232 download path enables the user to download and run pro- grams directly on the EZ-LAB. In addition, it may be used in conjunction with the EZ-ICE Emulator to provide a powerful software debug environment. ADSP- 21020 EZ-ICE® Emulator This in-circuit emulator provides the system designer with a PC-based development environment that allows non-intrusive access to the TSC21020F's internal registers through the processor's 5-pin JTAG Test Access Port. This use of On-chip emulation circuitry enables reliable, full-speed performance in any target. The emulator uses the same graphical user interface as the ADSP- 21020 Simulator, allowing an easy transi- |
Número de pieza similar - TSC21020F-20MC-E |
|
Descripción similar - TSC21020F-20MC-E |