Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCE62005RGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCE62005RGZR
Descripción Electrónicos  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCE62005RGZR Datasheet HTML 6Page - Texas Instruments CDCE62005RGZR Datasheet HTML 7Page - Texas Instruments CDCE62005RGZR Datasheet HTML 8Page - Texas Instruments CDCE62005RGZR Datasheet HTML 9Page - Texas Instruments CDCE62005RGZR Datasheet HTML 10Page - Texas Instruments CDCE62005RGZR Datasheet HTML 11Page - Texas Instruments CDCE62005RGZR Datasheet HTML 12Page - Texas Instruments CDCE62005RGZR Datasheet HTML 13Page - Texas Instruments CDCE62005RGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
COMPUTING THE OUTPUT FREQUENCY
Output
Divider0
U0P
U0N
Output
Divider1
U1P
U1N
Output
Divider2
U2P
U2N
Output
Divider3
U3P
U3N
Output
Divider4
U4P
U4N
PFD /
CP
/1:/2:HiZ
Prescaler
Feedback
Divider
Input
Divider
Reference
Divider
AUX
OUT
F
IN
EXT_LFP
EXT_LFN
F
R
I
P
O
F
OUT
/1:/2:HiZ
=
´
´ ´
OUT
IN
F
F
F
R I O
(1)
=
´
IN
COMP
F
F
R
I
(2)
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Figure 9 presents the block diagram of the CDCE62005 in synthesizer mode highlighting the clock path for a
single output. It also identifies the following regions containing dividers comprising the complete clock path
• R: Includes the cumulative divider values of all dividers included from the Input Ports to the output of the
Smart Multiplexer (see Input Block for more details)
• O: The output divider value (see Output Block for more details)
• I: The input divider value (see Synthesizer Block for more details)
• P: The Prescaler divider value (see Synthesizer Block of more details)
• F: The cumulative divider value of all dividers falling within the feedback divider (see Synthesizer Block for
more details)
Figure 9. CDCE62005 Clock Path – Synthesizer Mode
With respect to Figure 9, any output frequency generated by the CDCE62005 relates to the input frequency
connected to the Synthesizer Block by Equation 1.
Equation 1 holds true when subject to the following constraints:
1.750 Ghz < O x P x FOUT< 2.356 GHz
And the comparison frequency FCOMP,
40 kHz
≤ FCOMP < 40 MHz
Where:
Note: This device cannot output the frequencies between 780 MHz to 880 MHz
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005


Número de pieza similar - CDCE62005RGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
More results

Descripción similar - CDCE62005RGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
[Old version datasheet]   Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com