Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCLVP215 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCLVP215
Descripción Electrónicos  LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP215 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVP215 Datasheet HTML 1Page - Texas Instruments CDCLVP215 Datasheet HTML 2Page - Texas Instruments CDCLVP215 Datasheet HTML 3Page - Texas Instruments CDCLVP215 Datasheet HTML 4Page - Texas Instruments CDCLVP215 Datasheet HTML 5Page - Texas Instruments CDCLVP215 Datasheet HTML 6Page - Texas Instruments CDCLVP215 Datasheet HTML 7Page - Texas Instruments CDCLVP215 Datasheet HTML 8Page - Texas Instruments CDCLVP215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FEATURES
V
CC
QB3
V
CC
QB4
QB4
QB2
QB2
QB3
V
CC
QA1
V
CC
QA0
9
QA0
QA2
QA1
QA2
10
11
12
13
14
15
16
32
8
31
30
29
28
27
26
25
17
7
6
5
4
3
2
1
18
19
20
21
22
23
24
APPLICATIONS
DESCRIPTION
CDCLVP215
www.ti.com.................................................................................................................................................... SCAS853A – APRIL 2008 – REVISED OCTOBER 2008
LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL
CLOCK DRIVER
QFN32 PACKAGE
2
• 2× One Differential Clock Input Pair LVPECL to
(TOP VIEW)
5 Differential LVPECL Clock Outputs
• Fully Compatible With LVPECL/LVECL
• Supports a Wide Supply Voltage Range From
2.375 V to 3.8 V
• Open Input Default State
• Low-Output Skew (Typ 15 ps) for
Clock-Distribution Applications
• V
BB Reference Voltage Output for
Single-Ended Clocking
• Available in the QFN32 Package
• Frequency Range From DC to 3.5 GHz
• Pin-to-Pin Compatible With the MC100 Series
EP111, LVEP210, ES6111, LVEP111
• Designed for Driving 50-Ω Transmission Lines
• High Performance Clock Distribution
The CDCLVP215 clock driver distributes two times one differential clock pair of LVPECL, (CLKA, CLKB) to 5
pairs of differential LVPECL clock (QA0..QA4, QB0..QB4) outputs with minimum skew for clock distribution. The
CDCLVP215 specifies low output-to-output skew. The CDCLVP215 is specifically designed for driving 50-
transmission lines. When an output pair is not used, leaving it open is recommended to reduce power
consumption. If only one of the output pairs is used, the other output pair must be identically terminated to 50
Ω.
The VBB reference voltage output is used if single-ended input operation is required. In this case, the VBB pin
should be connected to CLKA or CLKB and bypassed to GND via a 10-nF capacitor.
However, for high-speed performance up to 3.5 GHz, the differential mode is strongly recommended.
The CDCLVP215 is characterized for operation from –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - CDCLVP215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCLVP2102 TI1-CDCLVP2102 Datasheet
756Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102RGTR TI1-CDCLVP2102RGTR Datasheet
756Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102RGTR TI1-CDCLVP2102RGTR Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102RGTT TI1-CDCLVP2102RGTT Datasheet
756Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102RGTT TI1-CDCLVP2102RGTT Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
More results

Descripción similar - CDCLVP215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111 TI1-CDCVF111_13 Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Maxim Integrated Produc...
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com