Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC2T872YFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AVC2T872YFPR
Descripción Electrónicos  SN74AVC2T872
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T872YFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC2T872YFPR Datasheet HTML 3Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 4Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 5Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 6Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 7Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 8Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 9Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 10Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SWITCHING CHARACTERISTICS
SN74AVC2T872
www.ti.com........................................................................................................................................................................................... SCES710 – NOVEMBER 2008
over recommended operating free-air temperature range, VCCA = 1.2 V ± 0.1 V, PD_EN = 0 V (unless otherwise noted)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
22
16
14
12
11
D+(A) to D+(B) or
ns
D–(A) to D–(B)
tPHL
22
16
14
12
11
Propagation
delay
tPLH
19
17
17
16
15
D+(B) to D+(A) or
ns
D–(B) to D–(A)
tPHL
19
17
17
16
15
tr
Output rise time
14
14
14
14
14
ns
tf
Output fall time
14
14
14
14
14
ns
tPHZ
24
24
24
24
24
DIR or DIR_POL
D+(A) or D–(A)
ns
tPLZ
24
24
24
24
24
Disable time
tPHZ
28
22
19
15
14
DIR or DIR_POL
D+(B) or D–(B)
ns
tPLZ
28
22
19
15
14
tPZH
47
39
36
31
29
DIR or DIR_POL
D+(A) or D–(A)
ns
tPZL
47
39
36
31
29
Enable time(1)
tPZH
46
40
38
36
35
DIR or DIR_POL
D+(B) or D–(B)
ns
tPZL
46
40
38
36
35
Fmax
Max data rate
12
12
12
12
12
Mbps
(1)
The enable time is a calculated value derived using the formula shown in the enable times section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AVC2T872


Número de pieza similar - SN74AVC2T872YFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC2T872YFPR TI-SN74AVC2T872YFPR Datasheet
281Kb / 18P
[Old version datasheet]   VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com