Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC6T622PWRG4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza SN74AVC6T622PWRG4
Descripción Electrónicos  AUDIO CODEC AC 97 VOLTAGE-TRANSLATION TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC6T622PWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AVC6T622PWRG4 Datasheet HTML 4Page - Texas Instruments SN74AVC6T622PWRG4 Datasheet HTML 5Page - Texas Instruments SN74AVC6T622PWRG4 Datasheet HTML 6Page - Texas Instruments SN74AVC6T622PWRG4 Datasheet HTML 7Page - Texas Instruments SN74AVC6T622PWRG4 Datasheet HTML 8Page - Texas Instruments SN74AVC6T622PWRG4 Datasheet HTML 9Page - Texas Instruments SN74AVC6T622PWRG4 Datasheet HTML 10Page - Texas Instruments SN74AVC6T622PWRG4 Datasheet HTML 11Page - Texas Instruments SN74AVC6T622PWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ELECTRICAL CHARACTERISTICS
(1) (2)
SN74AVC6T622
SCES706 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN TYP(3)
MAX
IOH = –100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
VCCO – 0.2
1.2 V
1.2 V
1.1
IOH = –1 mA
1.4 V
1.4 V
1.05
VOH
A port
VI = VIH
V
IOH = –2 mA
1.65 V
1.65 V
1.2
IOH = –4 mA
2.3 V
2.3 V
1.75
IOH = –8 mA
3 V
3 V
2.3
IOL = 100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
1.2 V
1.2 V
0.07
IOL = 1 mA
1.4 V
1.4 V
0.35
VOL
A port
VI = VIL
V
IOL = 2 mA
1.65 V
1.65 V
0.45
IOL = 4 mA
2.3 V
2.3 V
0.55
IOL = 8 mA
3 V
3 V
0.7
IOH = –100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
VCCO – 0.2
IOH = –1 mA
1.2 V
1.2 V
1.1
IOH = –2 mA
1.4 V
1.4 V
1.05
VOH
B port
VI = VIH
V
IOH = –4 mA
1.65 V
1.65 V
1.2
IOH = –8 mA
2.3 V
2.3 V
1.75
IOH = –16 mA
3 V
3 V
2.3
IOL = 100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
IOL = 1 mA
1.2 V
1.2 V
0.07
IOL = 2 mA
1.4 V
1.4 V
0.35
VOL
B port
VI = VIL
V
IOL = 4 mA
1.65 V
1.65 V
0.45
IOL = 8 mA
2.3 V
2.3 V
0.55
IOL = 16 mA
3 V
3 V
0.7
Control
II
VI = VCCA or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±1
µA
inputs
0 V
0 V to 3.6 V
±5
Ioff
A or B port
VI or VO = 0 to 3.6 V
µA
0 V to 3.6 V
0 V
±5
See function
VO = VCCO or GND, table for input
IOZ
(4)
A or B port
3.6 V
3.6 V
±5
µA
VI = VCCI or GND
states when
outputs are Hi Z
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCA
VI = VCCI or GND,
IO = 0
3.6 V
0 V
10
µA
0 V
3.6 V
–1
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCB
VI = VCCI or GND,
IO = 0
3.6 V
0 V
–1
µA
0 V
3.6 V
10
ICCA + ICCB
VI = VCCI or GND,
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
15
µA
Control
1.5
2
inputs
Ci
VI = VCCA or GND
1.8 V
3 V
pF
Clock input
2
2.5
A port
VO = VCCA or GND
2.5
3
Cio
1.8 V
3 V
pF
B port
VO = VCCB or GND
2.5
3
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
All typical values are at TA = 25°C.
(4)
For I/O ports, the parameter IOZ includes the input leakage current.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC6T622


Número de pieza similar - SN74AVC6T622PWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC TI-SN74AVC Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC TI-SN74AVC Datasheet
5Mb / 794P
[Old version datasheet]   Pocket Data Book
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC16244 TI-SN74AVC16244 Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGGR TI-SN74AVC16244DGGR Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74AVC6T622PWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
   AC 97 Audio Touchpanel CODEC
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
logo
Cirrus Logic
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
Analog Devices
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com