Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC03-3.3.TBT Datasheet(PDF) 4 Page - Semtech Corporation

No. de pieza LC03-3.3.TBT
Descripción Electrónicos  Low Capacitance 3.3 Volt TVS for High Speed Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-3.3.TBT Datasheet(HTML) 4 Page - Semtech Corporation

  LC03-3.3.TBT Datasheet HTML 1Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 2Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 3Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 4Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 5Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 6Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
 2004 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
LC03-3.3
Connection for Differential (Line-to-Line) and Com-
mon Mode Protection (Line-to-Ground)
Device Connection Options for Protection of Two
High-Speed Data Lines
The LC03-3.3 is designed to protect two high-speed
data lines (one differential pair) from transient over-
voltages which result from lightning and ESD. The
device can be configured to protect in differential (Line-
to-Line) and common (Line-to-Ground) mode. Data line
inputs/outputs are connected at pins 1 to 8, and 4 to
5 as shown. Pins 2, 3, 6, and 7 are connected to
ground. These pins should be connected directly to a
ground plane on the board for best results. The path
length is kept as short as possible to minimize parasitic
inductance. In applications where high common mode
voltages are present, differential protection is achieved
by leaving pins 2, 3, 6, and 7 not connected.
Connection for Differential Protection
(Line-to-Line)
Applications Information
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free
replacement for SnPb lead finishes. A matte tin finish
is composed of 100% tin solder with large grains.
Since the solder volume on the leads is small com-
pared to the solder paste volume that is placed on the
land pattern of the PCB, the reflow profile will be
determined by the requirements of the solder paste.
Therefore, these devices are compatible with both
lead-free and SnPb assembly techniques. In addition,
unlike other lead-free compositions, matte tin does not
have any added alloys that can cause degradation of
the solder joint.


Número de pieza similar - LC03-3.3.TBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
LC03-3.3.TBT SEMTECH-LC03-3.3.TBT Datasheet
191Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
More results

Descripción similar - LC03-3.3.TBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
LC03-3.3 SEMTECH-LC03-3.3_08 Datasheet
191Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
   Low Capacitance TVS for High-Speed Date interfaces
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com