Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GXP6H Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

No. de pieza GXP6H
Descripción Electrónicos  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IVO [Baumer IVO GmbH & Co. KG]
Página de inicio  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXP6H Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GXP6H Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXP6H Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXP6H Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXP6H Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - bus interfaces
www.baumerivo.com
2
GXP6H
Part number
GXP6H. 2
10 A1 01
Interface
01 Interbus K3
E-connection
A1 M23 connector, 2 x 9-pin radial
Voltage supply
10 10...30 VDC, galvanically isolated
Hollow shaft
2 Hollow shaft ø14 mm with pin 15 mm
clamping ring on housing
Hollow shaft ø14 mm
Multiturn encoder 13 bit ST / 12 bit MT, Interbus
Accessories
Connectors and cables (page %S)
Z 153.B01
Mating connector M23, 9-pin, less cable
Z 153.S01
Cable connector M23, 9-pin, less cable
Mounting accessories (page %S)
Z 119.037
Rubber buffer element 18.5 mm long, as
torque support
Z 119.039
Set of adjusting angles as torque support
Z 119.040
Shoulder screw M5 as torque support
Z 119.041
Torque support by rubber buffer element for
encoders with 15 mm pin
Z 119.043
Spring coupling for GX and G1
Bus protocol
Interbus
Device profile
Encoder profile 71
Coupling
IB user type
2 wire remote bus
IB bus width
4 byte
PCP length
No parameter channel
ID-Code
55
Interface
Type A1
2 wire remote bus (galvanically isolated)
Type W1
2 wire remote bus
Programmable
– Resolution steps and revolutions
parameters
– Rotating direction and code
– Preset
– Zero point shift
– Offset
– Measuring range
– Encoder reset
Interbus features


Número de pieza similar - GXP6H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ruilongyuan Electronics...
GXP60 RUILON-GXP60 Datasheet
630Kb / 5P
   2-electrode Spark Gap
GXP65 RUILON-GXP65 Datasheet
630Kb / 5P
   2-electrode Spark Gap
logo
Baumer IVO GmbH & Co. K...
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP6W.0102001 IVO-GXP6W.0102001 Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP6W.010A001 IVO-GXP6W.010A001 Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
More results

Descripción similar - GXP6H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com