Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M410.A02 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

No. de pieza M410.A02
Descripción Electrónicos  Totalizers mechanic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IVO [Baumer IVO GmbH & Co. KG]
Página de inicio  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

M410.A02 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  M410.A02 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG M410.A02 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers mechanic
www.baumerivo.com
2
M 410.A
Part number
M 410.A0
Display / direction of rotation
1 5-digits 9999.95 m, 2 revolutions
= 10 digits / direction I
2 5-digits 9999.95 m, 2 revolutions
= 10 digits / direction II
Meter counters PTB approved
Display 5 digits, manual reset by lever
Away from user
Towards user
Sense of rotation I
Sense of rotation II
Direction of strokes and rotation
Dimensions
2.5
28
45
7.5
92
106
120
172
Accessories
Measuring wheels (page %S)
MR512.07A Circumf. 50 cm, knurled aluminium
MR542.07D Circumf. 50 cm, smooth Hytrel TPE-E
MR552.07A Circumf. 50 cm, smooth Vulkollan PUR
MR562.07A Circumf. 50 cm, knopped rubber NBR Nitril
MR592.07D Circumf. 50 cm, grooved Hytrel TPE-E


Número de pieza similar - M410.A02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Baumer IVO GmbH & Co. K...
M410.010A02A IVO-M410.010A02A Datasheet
512Kb / 4P
   Totalizers mechanic
M410.010A02B IVO-M410.010A02B Datasheet
512Kb / 4P
   Totalizers mechanic
M410.010A03A IVO-M410.010A03A Datasheet
512Kb / 4P
   Totalizers mechanic
M410.010A03B IVO-M410.010A03B Datasheet
512Kb / 4P
   Totalizers mechanic
M410.010A04A IVO-M410.010A04A Datasheet
512Kb / 4P
   Totalizers mechanic
More results

Descripción similar - M410.A02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Baumer IVO GmbH & Co. K...
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
T120 IVO-T120 Datasheet
313Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
H410 IVO-H410 Datasheet
512Kb / 4P
   Totalizers mechanic
M275 IVO-M275 Datasheet
362Kb / 2P
   Totalizers mechanic
H300 IVO-H300 Datasheet
451Kb / 4P
   Totalizers mechanic
H310 IVO-H310 Datasheet
448Kb / 4P
   Totalizers mechanic
M310A IVO-M310A Datasheet
305Kb / 2P
   Totalizers mechanic
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com