Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE214.202AX01 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

No. de pieza NE214.202AX01
Descripción Electrónicos  Preset counters electronic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IVO [Baumer IVO GmbH & Co. KG]
Página de inicio  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

NE214.202AX01 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  NE214.202AX01 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG NE214.202AX01 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Preset counters electronic
www.baumerivo.com
2
NE214
Part number
NE214.
AX01
Voltage supply
1 24 / 48 VAC
2 115 / 230 VAC
3 12...30 VDC
Outputs
0 Without relay
1 Relay outputs
2 Relay and optocoupler outputs /
analogue output
Interface
0 Without interface
1 RS485
2 RS422
3 RS232
2 presets, serial interfaces
Large 14 mm display LED, 6-digits, programmable
Comparator inputs
Input circuit
Inputs
PNP- / NPN-logic
Input level
Programmable
Input level Low
0...2 VDC
Input level High
3...40 VDC
Input resistance
3 kΩ
Relay outputs
Output circuit
Switching voltage max.
250 VAC / 110 VDC
Switching current max.
1 A
Switching capacity max.
150 VA / 30 W
Relay responding time
5 ms
Electronical outputs
Output circuit
Optocoupler short-circuit proof
Switching voltage max.
40 V
Switching current max.
15 mA
Residual voltage
<1 V
Trigger level
TxD+
TxD-
RxD+
RxD-
TxD
RxD
GND
RS232 RS422
Signal input
A
B
Reset
Stop/Hold
A 90° B
Totalizer
Operating time
meter
Analog output
Main counter with
2 presets
start count
scaling factor
P2
Output
P1
P2
Analog output
0(2) - 10 V
0(4) - 20 mA
2
3
4
5
6
7
8
9
10
11
12
13
20
21
22
23
24
25
30
27
28
29
Sensor
supply
+
-
P1
T,R-
T,R+
Interface
RS232 or
RS232
Interface
RS485
14
15
16
17
18
19
Voltage
supply
+
-
Block circuit diagram
Dimensions
96
109
123.75
19.75
1-10
7
Output
P1
P2
P2
P1
Output
Count
Sensor
supply
Br
RU
RI
2
3
6
7
8
9
14
15
16
17
18
19
10
11
12
13
20
21
22
23
24
25
4
5
27
28
29
30
26
(+)
(-)
1
RS485
max. 250 V
terminal - terminal /
- terminal
RS422
RS232
Connection diagram


Número de pieza similar - NE214.202AX01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Baumer IVO GmbH & Co. K...
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.011AXA1 IVO-NE210.011AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.012AXA1 IVO-NE210.012AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.013AXA1 IVO-NE210.013AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.021AXA1 IVO-NE210.021AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
More results

Descripción similar - NE214.202AX01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Baumer IVO GmbH & Co. K...
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
NE230 IVO-NE230 Datasheet
431Kb / 2P
   Preset counters electronic
NE216 IVO-NE216 Datasheet
417Kb / 2P
   Preset counters electronic
NE213 IVO-NE213 Datasheet
559Kb / 4P
   Preset counters electronic
NE215 IVO-NE215 Datasheet
556Kb / 4P
   Preset counters electronic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com