Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE212.042AXA2 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

No. de pieza NE212.042AXA2
Descripción Electrónicos  Preset counters electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IVO [Baumer IVO GmbH & Co. KG]
Página de inicio  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

NE212.042AXA2 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  NE212.042AXA2 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG NE212.042AXA2 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG NE212.042AXA2 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG NE212.042AXA2 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Preset counters electronic
1
www.baumerivo.com
www.baumerivo.com
NE212 - LED Preset counter
Features
Preset counter with two presets
Display batch counter, main counter: 6-digits
Display totalizer: 8-digits
Batch counter, totalizer, hour counter
Operating mode, start count, scaling factor
programmable
Connection: Incremental encoder or digital sensors
Preset mode programmable
Interface RS232, RS422 or RS485
NE212
2 presets, totalizer and batch counter
Display LED, 8-digits, programmable
Technical data - electrical ratings
Voltage supply
22...50 VAC (50/60 Hz)
85...265 VAC (50/60 Hz)
24 VDC ±10 %
Power consumption
15 VA, 8 W
Sensor supply
24 VDC ±20 % / max. 200 mA
Display
LED, 7-segment display
Number of digits
8-digits - totalizer
6-digits - main counter, batch
counter, tachometer, hour
counter
Digit height
7.6 mm
Function
Preset counter
Main counter with 2 presets
Batch counter with 1 preset
Totalizer
Hour counter
Scaling factor
0.0001...9999.99
Multitplier / batch counter 1...99
Count modes
Adding or subtracting
A-B (difference counting)
A+B total (parallel counting)
Up/Down
A 90° B phase evaluation
Counting frequency
15 Hz, 25 Hz, 10 kHz
programmable
Operating modes
Step preset, Main preset,
Parallel alignment, Trailing
preset
Data memory
>10 years in EEPROM
Reset
Button, electric or automatic
Outputs electronic
NPN / PNP transistor switch
Outputs relay
Potential-free change-over
contact for main counter
Normally open/closed potential-
free for B1
Output holding time
0.01...99.99 s
Technical data - mechanical design
Operating temperature
0...+50 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
E-connection
Plug-in screw terminals
Core cross-section
1.5 mm²
Protection DIN EN 60529 IP 65 face with seal
Operation / keypad
10 figure keypad with 5 function
keys
Housing type
Built-in housing
Dimensions W x H x L
72 x 72 x 108 mm
Installation depth
108 mm
Mounting
Clip frame
Cutout dimensions
68 x 68 mm (+0.7)
Materials
Housing: Makrolon 6485 (PC)
Keypad: Polyester
Weight approx.
320 g
Technical data - electrical ratings
Interfaces
RS232, RS422, RS485
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-4
Interference immunity
DIN EN 61000-6-2
Programmable
parameters
Operating modes
Sensor logic
Scaling factor
Count mode
Control inputs
Approvals
UL/cUL, CE conform


Número de pieza similar - NE212.042AXA2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
NE21200 RENESAS-NE21200 Datasheet
461Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1990
NE21283A RENESAS-NE21283A Datasheet
718Kb / 12P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1990
More results

Descripción similar - NE212.042AXA2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Baumer IVO GmbH & Co. K...
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
NE214 IVO-NE214 Datasheet
458Kb / 2P
   Preset counters electronic
NE230 IVO-NE230 Datasheet
431Kb / 2P
   Preset counters electronic
NE216 IVO-NE216 Datasheet
417Kb / 2P
   Preset counters electronic
NE213 IVO-NE213 Datasheet
559Kb / 4P
   Preset counters electronic
NE215 IVO-NE215 Datasheet
556Kb / 4P
   Preset counters electronic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com