Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA4311DGKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCA4311DGKR
Descripción Electrónicos  HOT SWAPPABLE 2-WIRE BUS BUFFERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCA4311DGKR Datasheet(HTML) 3 Page - Texas Instruments

  TCA4311DGKR Datasheet HTML 1Page - Texas Instruments TCA4311DGKR Datasheet HTML 2Page - Texas Instruments TCA4311DGKR Datasheet HTML 3Page - Texas Instruments TCA4311DGKR Datasheet HTML 4Page - Texas Instruments TCA4311DGKR Datasheet HTML 5Page - Texas Instruments TCA4311DGKR Datasheet HTML 6Page - Texas Instruments TCA4311DGKR Datasheet HTML 7Page - Texas Instruments TCA4311DGKR Datasheet HTML 8Page - Texas Instruments TCA4311DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
100k
RCH1
100k
RCH3
+
5
+
0.5pF
READY
1
UVLO
3
SCLIN
CONNECT
StopBitandBusIdle
4
4
GND
CONNECT
20pF
RD
S
QB
0.5µA
0.55V
/
0.45V
CC
CC
+
+
V
– 1V
CC
2mA
95 µs
Delay,
Rising
Only
Backplane-To-Card
Connection
CONNECT
CONNECT
2 SCLOUT
6
SDAIN
CONNECT
CONNECT
7 SDAOUT
8 VCC
1V
Precharge
100k
RCH2
100k
RCH4
2mA
2mA
SlewRate
Detector
CONNECT
ENABLE
2-WireBusBufferandHotSwapController
2mA
SlewRate
Dectector
Backplane-To-Card
Connection
SlewRate
Dectector
SlewRate
Dectector
ENABLE
TCA4311
www.ti.com........................................................................................................................................................................................... SCPS173 – DECEMBER 2008
BLOCK DIAGRAM
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TCA4311


Número de pieza similar - TCA4311DGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA4311DGKR TI-TCA4311DGKR Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DGKRG4 TI-TCA4311DGKRG4 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results

Descripción similar - TCA4311DGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com