Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL4503TM Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza HCPL4503TM
Descripción Electrónicos  High Speed Transistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503TM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HCPL4503TM Datasheet HTML 1Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL4503M Rev. 1.0.3
3
Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified)
Individual Component Characteristics
*All Typicals at TA = 25°C
Transfer Characteristics
*All Typicals at TA = 25°C
Note:
1. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF,
times 100%.
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 16mA, TA = 25°C
1.45
1.7
V
IF = 16mA
1.8
BVR
Input Reverse Breakdown
Voltage
IR = 10µA
5.0
V
∆V
F/ ∆TA
Temperature Coefficient of
forward voltage
IF = 16mA
-1.6
mV/°C
DETECTOR
IOH
Logic high output current
IF = 0mA, VO = VCC = 5.5V,
TA = 25°C
0.001
0.5
µA
IF = 0mA, VO = VCC = 15V,
TA = 25°C
0.005
1
IF = 0mA, VO = VCC = 15V
50
ICCL
Logic low supply current
IF = 16mA, VO = Open, VCC = 15V
120
200
µA
ICCH
Logic high supply current
IF = 0mA, VO = Open, VCC = 15V,
TA = 25°C
1µA
IF = 0mA, VO = Open, VCC = 15V
2
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
COUPLED
CTR
Current Transfer Ratio(5)
IF = 16mA, VO = 0.4V, VCC = 4.5V,
TA = 25°C
(1)
19
27
50
%
IF = 16mA, VCC = 4.5V,
VOL = 0.5V
15
30
VOL
Logic low output voltage
output voltage
IF = 16mA, IO = 3 mA, VCC = 4.5V,
TA = 25°C
0.5
V
IF = 16mA, IO = 2.4mA,
VCC = 4.5V
0.5


Número de pieza similar - HCPL4503TM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HCPL4503TM FAIRCHILD-HCPL4503TM Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503TM FAIRCHILD-HCPL4503TM Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
More results

Descripción similar - HCPL4503TM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com