Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-314J Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-314J
Descripción Electrónicos  0.6 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-314J Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-314J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Notes:
1. Deratelinearlyabove70°Cfreeairtemperatureatarateof0.3mA/°C.
2. Maximumpulsewidth=10µs,maximumdutycycle=0.2%.ThisvalueisintendedtoallowforcomponenttolerancesfordesignswithIOpeak
minimum=0.4A.SeeApplicationsectionforadditionaldetailsonlimitingIOLpeak.
3. Deratelinearlyabove85°C,freeairtemperatureattherateof4.0mW/°C.
4. Inputpowerdissipationdoesnotrequirederating.
5. Maximumpulsewidth=50µs,maximumdutycycle=0.5%.
6. Inthistest,VOHismeasuredwithaDCloadcurrent.WhendrivingcapacitiveloadVOHwillapproachVCCasIOHapproacheszeroamps.
7. Maximumpulsewidth=1ms,maximumdutycycle=20%.
8. InaccordancewithUL1577,eachHCPL-J314optocouplerisprooftestedbyapplyinganinsulationtestvoltage≥5000Vrmsfor1second(leakage
detectioncurrentlimitII-O≤5µA).Thistestisperformedbefore100%productiontestforpartialdischarge(methodB)shownintheIEC/EN/DIN
EN60747-5-2InsulationCharacteristicsTable,ifapplicable.
9. Deviceconsideredatwo-terminaldevice:pinsoninputsideshortedtogetherandpinsonoutputsideshortedtogether.
10.PDDisthedifferencebetweentPHLandtPLHbetweenanytwopartsorchannelsunderthesametestconditions.
11.Commonmodetransientimmunityinthehighstateisthemaximumtolerable|dVcm/dt|ofthecommonmodepulseVCMtoassurethatthe
outputwillremaininthehighstate(i.e.Vo>6.0V).
12.Commonmodetransientimmunityinalowstateisthemaximumtolerable|dVCM/dt|ofthecommonmodepulse,VCM,toassurethattheoutput
willremaininalowstate(i.e.Vo<1.0V).
13.Thisloadconditionapproximatesthegateloadofa1200V/25AIGBT.
14.Foreachchannel.ThepowersupplycurrentincreaseswhenoperatingfrequencyandQgofthedrivenIGBTincreases.
15.Deviceconsideredatwoterminaldevice:Channeloneoutputsidepinsshortedtogether,andchanneltwooutputsidepinsshortedtogether.
Package Characteristics
For each channel unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Input-OutputMomentaryWithstand VISO
3750
Vrms
TA=25°C,
8,9
Voltage
RH<50%for1min.
Output-OutputMomentaryWithstand VO-O
1500
Vrms
15
Voltage
Input-OutputResistance
RI-O
1012
Ω
VI-O=500V
9
Input-OutputCapacitance
CI-O
1.2
pF
Freq=1MHz
Switching Specifications (AC)
Overrecommendedoperatingconditionsunlessotherwisespecified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
PropagationDelayTimetoHighOutputtPLH
0.1
0.2
0.7
µs
Rg=47Ω,Cg=3nF, 10,11, 14
Level
f=10kHz,
12,13,
PropagationDelayTimetoLowOutputtPHL
0.1
0.3
0.7
µs
DutyCycle=50%, 14,17
Level
f=10kHz,IF=8mA,
PropagationDelayDifference
PDD
-0.5
0.5
µs
VCC=30V
10
BetweenAnyTwoPartsorChannels
RiseTime
tR
50
ns
FallTime
tF
50
ns
OutputHighLevelCommonMode
|CMH|
25
35
kV/µs TA=25°C,
18
11
TransientImmunity
VCM=1.5kV
OutputLowLevelCommonMode
|CML|
25
35
kV/µs
18
12
TransientImmunity


Número de pieza similar - HCPL-314J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-000E AVAGO-HCPL-314J-000E Datasheet
405Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J-300 HP-HCPL-314J-300 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Descripción similar - HCPL-314J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com