Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STC6105 Datasheet(PDF) 7 Page - Suntac Electronic Corp.

No. de pieza STC6105
Descripción Electrónicos  Power Supply Supervisor Regulator PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAC [Suntac Electronic Corp.]
Página de inicio  
Logo SUNTAC - Suntac Electronic Corp.

STC6105 Datasheet(HTML) 7 Page - Suntac Electronic Corp.

Back Button STC6105 Datasheet HTML 2Page - Suntac Electronic Corp. STC6105 Datasheet HTML 3Page - Suntac Electronic Corp. STC6105 Datasheet HTML 4Page - Suntac Electronic Corp. STC6105 Datasheet HTML 5Page - Suntac Electronic Corp. STC6105 Datasheet HTML 6Page - Suntac Electronic Corp. STC6105 Datasheet HTML 7Page - Suntac Electronic Corp. STC6105 Datasheet HTML 8Page - Suntac Electronic Corp. STC6105 Datasheet HTML 9Page - Suntac Electronic Corp. STC6105 Datasheet HTML 10Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product Specification
- 7 -
Comparator Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC
Duty Cycle
-
85
-
93
%
PWM Output Section (OP1, OP2)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vol
Output Voltage Low
Io = 5mA
-
-
0.5
V
Voh
Output Voltage High
V12 = 12V
4
-
-
V
RO
Output Impedance of VOH
-
1.5
-
3.3
k
STC6105
Power Supply Supervisor + Regulator + PWM


Número de pieza similar - STC6105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
STC6.8-10C2 VISHAY-STC6.8-10C2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-15N2 VISHAY-STC6.8-15N2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20C3 VISHAY-STC6.8-20C3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20N3 VISHAY-STC6.8-20N3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-2C1 VISHAY-STC6.8-2C1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
More results

Descripción similar - STC6105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A_09 Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
logo
List of Unclassifed Man...
SG6105 ETC-SG6105 Datasheet
519Kb / 13P
   Power Supply Supervisor Regulator PWM
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A Datasheet
592Kb / 18P
   Power Supply Supervisor Regulator PWM
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
   POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
logo
Fairchild Semiconductor
FAN6103 FAIRCHILD-FAN6103 Datasheet
656Kb / 13P
   Power Supply Supervisor Plus PWM
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com