Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD5F-020.0M Datasheet(PDF) 3 Page - Connor-Winfield Corporation

No. de pieza TD5F-020.0M
Descripción Electrónicos  High Precision TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TD5F-020.0M Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  TD5F-020.0M Datasheet HTML 1Page - Connor-Winfield Corporation TD5F-020.0M Datasheet HTML 2Page - Connor-Winfield Corporation TD5F-020.0M Datasheet HTML 3Page - Connor-Winfield Corporation TD5F-020.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx180
3of4
05
25 Aug 2008
Electrical Specifications for all Models
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
TCXO or VCTCXO
3.3V or 5.0V Operation
CMOS Output or
Clipped Sinewave Output
Frequency Stability:
Tx5C/Tx6C - Series±0.25ppm
Tx5E/Tx6E - Series±0.50ppm
Tx5F/Tx6F - Series±1.00ppm
Temperature Range:
Tx5x-Series 0 to 70°C
Tx6xx-Series -40 to 85°C
Low Jitter <1pS RMS
Tri-State Enable/Disable
Surface Mount Package
Tape and Reel Packing
RoHS Compliant / Lead Free
4
5
1
2
3
6
7
8
9
10
Vcc
Supply
Voltage
N/C - TCXO
VC- VCTCXO
DNC DNC DNC
DNC DNC
Output
15 pF
.01 uF
Bypass
E/D
CMOS Test Circuit
Features
TA
5C
0713
20.0
Mhz
4
5
1
2
3
6
7
8
9
10
Vcc
Supply
Voltage
N/C - TCXO
VC - VCTCXO
DNC DNC DNC
DNC DNC
.01 uF
Bypass
E/D
Output
10 pF
10Kohm
Clipped Sinewave Test Circuit
ABSOLUTE MAXIMUM RATINGS
TABLE 7.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
6.0
Vdc
Input Voltage
-0.5
-
Vcc+0.6
Vdc
Operating Specifications
Parameter
Minimum
Nominal
Maximum
UNITS
Notes
TCXO Frequency Calibration @ 25 C
-1.00
-
1.00
ppm
1
Supply Voltage Variation. (Vcc±5%)
-0.2
-
0.2
ppm
Load Coefficient, ±5pF
-0.2
-
0.2
ppm
Static Temperature Hysteresis
-0.4
-
0.4
ppm
2
Aging
-1.00
-
1.00
ppm / year
Frequency shift after reflow soldering
-1.00
-
1.00
ppm
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
3
(Vcc)
4.75
5.0
5.25
Vdc
3
Supply Current
(Icc)
-
6
10
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
SSB Phase Noise at 10Hz offset
-
-80
-70
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-110
-100
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-135
-130
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-150
-145
dBc/Hz
SSB Phase Noise at >100KHz offset
-
-150
-150
dBc/Hz
Startup Time
-
-
10
ms
Input Characteristics for Enable / Disable Function (Pin 8)
Parameter
Minimum
Nominal
Maximum
Units
Notes
Enable Voltage (High) or open circuit
(Vih)
70% Vcc
-
-
Vdc
4
Disable Voltage (Low) Output Tri-stated
(Vil)
-
-
30% Vcc
Vdc
Input Characteristics for Voltage Control (Pin10)
Parameter
Minimum
Nominal
Maximum
Units
Notes
Control Voltage Range
(Vcc = 3.3V)
(Vc)
0.30
1.65
3.00
Vdc
(Vcc = 5.0V)
(Vc)
0.50
2.50
4.50
Vdc
Frequency Tuning
±10
-
-
ppm
5
Linearity
±5
-
-
%
Slope
Positive
Input Impedance
100K
-
-
Ohms
CMOS Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
90%Vcc
-
-
Vdc
(Low)
(Vol)
-
-
10%Vcc
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Iol)
-
-
4
mA
Duty Cycle at 50% of Vcc
455055
%
Rise / Fall Time 10% to 90%
-
-
8
ns
Clipped Sinewave Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Load
6
Output Load Resistance
-
10K
-
Ohms
Output Load Capacitance
-
10
-
pF
Output Voltage (< 30 MHz)
1.00
-
-
V pk-pk
Output Voltage (> 30 MHz)
0.80
-
-
V pk-pk
Notes:
1) TCXO: Initial calibration @ 25 C. Specifications at time of shipment after 48
hours of operation.
2) Frequency change after reciprocal temperature ramped over the operating
range. Frequency measured before and after at 25°C.
3) For best in application performance, careful selection of an external power
source is critical. Select an external regulator that meets or exceeds to following
specifications regarding voltage regulation tolerance, initial accuracy,
temperature coefficient, voltage noise, and low voltage noise density.
Factory Test Conditions: Initial Accuracy ±2mv, Noise (0.1Hz to 10 KHz) 15uV
p-p, Voltage Noise Density = 50nV/sqrt Hz, Temperature Coefficient < 5ppm/°C.
4) Leave Pad 8 unconnected if enable / disable function is not required. When tri-
stated, the output stage is disabled but the oscillator and compensation circuit
are still active (current consumption < 1mA).
5) Additional pull ranges are available; please contact the factory for additional
information.
6) Output is AC coupled.


Número de pieza similar - TD5F-020.0M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tumbler Technologies + ...
TD5 TRUMPOWER-TD5 Datasheet
22Kb / 1P
   DC/DC CONVERTERS
TD5-24S2424 TRUMPOWER-TD5-24S2424 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25 Watts
TD5-24S2424 TRUMPOWER-TD5-24S2424 Datasheet
22Kb / 1P
   DC/DC CONVERTERS
TD5-25D1205 TRUMPOWER-TD5-25D1205 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25 Watts
TD5-25D1205 TRUMPOWER-TD5-25D1205 Datasheet
22Kb / 1P
   DC/DC CONVERTERS
More results

Descripción similar - TD5F-020.0M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
T100F-020M CONNOR-WINFIELD-T100F-020M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
DOT050F-012M CONNOR-WINFIELD-DOT050F-012M Datasheet
464Kb / 4P
   Precision TCXO / VCTCXO Models DOT050F / DOT050V
M602-012.8M CONNOR-WINFIELD-M602-012.8M Datasheet
186Kb / 4P
   Precision Sub-Miniature 5.0x3.2mm TCXO / VCTCXO
M77F-010.0M CONNOR-WINFIELD-M77F-010.0M Datasheet
170Kb / 4P
   Precision Sub-Miniature 3.2x5.0mm TCXO / VCTCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com