Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS-1500-212C Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

No. de pieza TS-1500-212C
Descripción Electrónicos  1500W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-1500-212C Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TS-1500-212C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-1500-212C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:TS-1500-SPEC2008-07-29
T S - 1 5 0 0 series
MechanicalSpecification
Unit:mm
A :TYPE A OUTLET
B :TYPEBOUTLET
C:TYPECOUTLET
D:TYPEDOUTLET
E:TYPEEOUTLET
F:TYPEFOUTLET
TS:Truesinewaveinverter
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:1500W
TS
1500
112 A
TYPE-A
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
ACOutputReceptacles(optional)
207
Type-A
Type-B
220
10
Airflow
direction
ACOUTPUT
BATTERY
BATTERY
100
100
0
0
100
100
0
0
Saving
Saving
BatLow
BatLow
On
On
Setting
Setting
LOAD
LOAD
INVERTER
INVERTER
ON
OFF
Remote
Remote
port
port
ACOUTPUT
ON
OFF
15.6
36.25
57.75
1500W TrueSineWaveDC-ACPowerInverter


Número de pieza similar - TS-1500-212C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TS-1500-212 MEANWELL-TS-1500-212 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500-212 MEANWELL-TS-1500-212 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
More results

Descripción similar - TS-1500-212C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TS-1500 MEANWELL-TS-1500_11 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500_12 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500 Datasheet
649Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500_12 Datasheet
482Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
A-301-1K7 MEANWELL-A-301-1K7 Datasheet
259Kb / 2P
   1500W Modified Sine Wave DC-AC Power Inverter
A-301-1K7_0810 MEANWELL-A-301-1K7_0810 Datasheet
282Kb / 2P
   1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
TS-400 MEANWELL-TS-400_12 Datasheet
365Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com