Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT64W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza BAT64W
Descripción Electrónicos  Silicon Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT64W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT64W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT64W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAT64W;BAT64-04W
BAT64-05W;BAT64-06W
E lectric al C haracte ristic s T a = 25
P a ra m e te r
S y m bol
C onditio ns
M in
T y p
M a x
U nit
V R =3 0 V
2
V R =3 0 V , T A =8 5
200
IF = 1 m A
320
350
IF = 1 0 m A
380
430
IF = 3 0 m A
440
520
IF = 1 00 m A
570
750
D iode capacitance
C T
V R = 1 V ,f= 1 M H z
4
6
p F
V F
mV
A
R e v e rs e c u rre n t
IR
F o rw ard v oltage
Marking
Type
BAT64W
BAT64-04W
BAT64-05W
BAT64-06W
Marking
63s
64s
65s
66s


Número de pieza similar - BAT64W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAT64W SIEMENS-BAT64W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Diodes Incorporated
BAT64W DIODES-BAT64W Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64W-13-F DIODES-BAT64W-13-F Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64W-7-F DIODES-BAT64W-7-F Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
More results

Descripción similar - BAT64W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com