Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1070VCT Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

No. de pieza TC1070VCT
Descripción Electrónicos  50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1070VCT Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC1070VCT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1070VCT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1070VCT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1070VCT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1070VCT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1070VCT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC1070VCT Datasheet HTML 10Page - TelCom Semiconductor, Inc TC1070VCT Datasheet HTML 11Page - TelCom Semiconductor, Inc TC1070VCT Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TC1071
5
PRELIMINARY INFORMATION
TC1071-01
6/13/97
100mA ADJUSTABLE CMOS
LDO WITH SHUTDOWN
Equation 2 can be used in conjunction with Equation 3
to ensure regulator thermal operation is within limits. For
example:
Given:
VIN
MAX = 3.0V ±10%
VOUT
MIN = 2.7V ±0.5V
ILOAD = 98mA
TAMAX = 55°C
Find:
1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD ≈ (VINMAX – VOUTMIN)ILOADMAX
= [(3.0 x 1.1) – (2.7 x .995)]40 x 10–3
= 60mW
Maximum allowable power dissipation:
PD
MAX = (TJMAX – TAMAX)
θJA
= (125 – 55)
220
= 318mW
In this example, the TC1071 dissipates a maximum of
only 60mW; far below the allowable limit of 318mW. In a
similar manner, Equation 1 and Equation 2 can be used to
calculate maximum current and/or input voltage limits. For
example, the maximum allowable VIN is found by substitut-
ing the maximum allowable power dissipation of 318mW
into Equation 1, from which VINMAX = 5.9V.
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a ground
plane, wide traces at the pads, and wide power supply bus
lines combine to lower
θJA and therefore increase the
maximum allowable power dissipation limit.


Número de pieza similar - TC1070VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1070VCT MICROCHIP-TC1070VCT Datasheet
495Kb / 16P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC1070VCT713 MICROCHIP-TC1070VCT713 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
More results

Descripción similar - TC1070VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
   50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
   50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
2002
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com