Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1054-3.0VCT Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

No. de pieza TC1054-3.0VCT
Descripción Electrónicos  50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1054-3.0VCT Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC1054-3.0VCT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1054-3.0VCT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1054-3.0VCT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1054-3.0VCT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1054-3.0VCT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1054-3.0VCT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC1054-3.0VCT Datasheet HTML 10Page - TelCom Semiconductor, Inc TC1054-3.0VCT Datasheet HTML 11Page - TelCom Semiconductor, Inc TC1054-3.0VCT Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC1055
100mA CMOS LDO WITH SHUTDOWN
AND ERROR OUTPUT
2
PRELIMINARY INFORMATION
TC1055-01 6/5/97
ELECTRICAL CHARACTERISTICS: VIN = VOUT + 1V, IL = 0.1mA, CL = 3.3µF, SHDN > VIH, TA = 25
°C, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIN
Input Operating Voltage
Note 9
6.5
V
IOUTMAX
Maximum Output Current
Note 9
100
——
mA
VOUT
Output Voltage
Notes 1, 9
VR – 2.5%
VR ±0.5% VR + 2.5%
V
TC VOUT
VOUT Temperature Coefficient
Note 2, 9
20
ppm/
°C
40
∆VOUT/∆VIN
Line Regulation
(VR + 1V) < VIN < 6V
0.05
%
∆VOUT/VOUT
Load Regulation
IL = 0.1mA to IOUTMAX
0.5
%
(Note 3)
VIN – VOUT
Dropout Voltage
IL = 0.1mA
20
mV
IL = 20mA
70
IL = 50mA
100
IL = 100mA
200
(Note 4)
IGND
Ground Pin Current
IL = IOUTMAX, (Note 5, 9)
0
µA
IIN
Supply Current
SHDN = VIH, IL = 0
50
80
µA
IINSD
Shutdown Supply Current
SHDN = 0V
0.05
µA
ROUT
Output Resistance during Shutdown
SHDN < VIL
100 x VR
160 x VR
—k
PSRR
Power Supply Rejection Ratio
FRE ≤ 1kHz
64
dB
IOUTSC
Output Short Circuit Current
VOUT = 0V
300
500
mA
∆VOUT/∆PD
Thermal Regulation
Note 6
0.04
%W
eN
Output Noise
IL = IOUTMAX
160
nV/
√Hz
SHDN Input
VIH
SHDN Input High Threshold
VIN = 2.5V to 6.5V
45
%VIN
VIL
SHDN Input Low Threshold
VIN = 2.5V to 6.5V
15
%VIN
ABSOLUTE MAXIMUM RATINGS*
Input Voltage ................................................................. 7V
Output Voltage ............................. (– 0.3V) to (VIN + 0.3V)
Power Dissipation .................... Internally Limited (Note 7)
Operating Temperature Range ........ – 40
°C < TJ < 125°C
Storage Temperature ............................ – 65
°C to +150°C
Maximum Voltage on Any Pin ............ VIN +0.3V to – 0.3V
*Stresses above those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions above
those indicated in the operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods
may affect device reliability.


Número de pieza similar - TC1054-3.0VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1054-3.0VCT MICROCHIP-TC1054-3.0VCT Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1054-3.0VCT713 MICROCHIP-TC1054-3.0VCT713 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC1054-3.0VCT713 MICROCHIP-TC1054-3.0VCT713 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
More results

Descripción similar - TC1054-3.0VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
logo
TelCom Semiconductor, I...
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
logo
TelCom Semiconductor, I...
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com