Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1173 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

No. de pieza TC1173
Descripción Electrónicos  300mA CMOS LDO with Shutdown, ERROR Output and Bypass
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1173 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC1173 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1173 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1173 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1173 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1173 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1173 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1173 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
300mA CMOS LDO With Shutdown,
ERROR Output, And Bypass
TC1173
TC1173-2 2/2/00
SHDN may be controlled by a CMOS logic gate, or I/O port
of a microcontroller. If the SHDN input is not required, it
should be connected directly to the input supply. While in
shutdown, supply current decreases to 0.05
µA (typical),
VOUT falls to zero and ERROR is disabled.
ERROR Output
ERROR is driven low whenever VOUT falls out of regu-
lation by more than – 5% (typical). This condition may be
caused by low input voltage, output current limiting, or
thermal limiting.
The ERROR threshold is 5% below rated VOUT regard-
less of the programmed output voltage value (e.g., ERROR
= VOL at 4.75V (typ) for a 5.0V regulator and 2.85V (typ) for
a 3.0V regulator). ERROR output operation is shown in
Figure 2. Note that ERROR is active when VOUT is at or
below VTH, and inactive when VOUT is above VTH + VH.
As shown in Figure 1, ERROR can be used as a battery
low flag, or as a processor RESET signal (with the addition
of timing capacitor C2). R1 x C3 should be chosen to
maintain ERROR below VIH of the processor RESET input
for at least 200msec to allow time for the system to stabilize.
Pull-up resistor R1 can be tied to VOUT, VIN or any other
voltage less than (VIN + 0.3V.)
Output Capacitor
A 1
µF (min) capacitor from VOUT to ground is recom-
mended. The output capacitor should have an effective
series resistance of 5
Ω or less. A 1µF capacitor should be
connected from VIN to GND if there is more than 10 inches
of wire between the regulator and the AC filter capacitor, or
if a battery is used as the power source. Aluminum electro-
lytic or tantalum capacitor types can be used. (Since many
aluminum electrolytic capacitors freeze at approximately –
30
°C, solid tantalums are recommended for applications
operating below – 25
°C.) When operating from sources
other than batteries, supply-noise rejection and transient
response can be improved by increasing the value of the
input and output capacitors and employing passive filtering
techniques.
DETAILED DESCRIPTION
The TC1173 is a fixed output, low drop-out regulator.
Unlike bipolar regulators, the TC1173 supply current does not
increase with load current. In addition, VOUT remains stable and
within regulation at very low load currents (an important consid-
eration in RTC and CMOS RAM battery back-up applications).
TC1173 pin functions are detailed below:
PIN DESCRIPTIONS
Pin
No.
Symbol
Description
1VOUT
Regulated voltage output
2
GND
Ground terminal
3
NC
No connect
4
Bypass
Reference bypass input. Connecting a 470pF
to this input further reduces output noise.
5
ERROR
Out-of-Regulation Flag (Open Drain Out-
put). This output goes low when VOUT is out-
of-tolerance by approximately -5%.
6
SHDN
Shutdown control input. The regulator is fully
enabled when a logic high is applied to this
input. The regulator enters shutdown when a
logic low is applied to this input. During
shutdown, output voltage falls to zero and
supply current is reduced to 0.05
µA (typical).
7
NC
No connect
8VIN
Unregulated supply input
Figure 1 shows a typical application circuit. The regula-
tor is enabled any time the shutdown input (SHDN) is above
VIH, and shutdown (disabled) when SHDN is at or below VIL.
Figure 1: Typical Application Circuit
Figure 2: ERROR Output Operation
VOUT
VTH
VIH
Hysteresis (VH)
VOL
ERROR
TC1173
1
2
3
4
5
6
7
8
VOUT
VOUT
Shutdown Control
(from Power Control Logic)
C1
1
µF
GND
NC
VIN
NC
SHDN
Bypass
CBYPASS
470pF
(Optional)
ERROR
R3
1M
VIN
ERROR


Número de pieza similar - TC1173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173-xxVOA MICROCHIP-TC1173-xxVOA Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1173-xxVUA MICROCHIP-TC1173-xxVUA Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1173VOA MICROCHIP-TC1173VOA Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173VUA MICROCHIP-TC1173VUA Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
More results

Descripción similar - TC1173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com