Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1044SMJA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

No. de pieza TC1044SMJA
Descripción Electrónicos  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1044SMJA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC1044SMJA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1044SMJA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1044SMJA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1044SMJA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1044SMJA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1044SMJA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1044SMJA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1044SMJA Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-47
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 5. Increased Output Voltage by Cascading Devices
situation where the designer has generated the external
clock frequency using TTL logic, the addition of a 10k
Ω pull-
up resistor to V
+ supply is required. Note that the pump
frequency with external clocking, as with internal clocking,
will be 1/2 of the clock frequency. Output transitions occur
on the positive-going edge of the clock.
It is also possible to increase the conversion efficiency
of the TC1044S at low load levels by lowering the oscillator
frequency. This reduces the switching losses, and is achieved
by connecting an additional capacitor, COSC, as shown in
Figure 7. Lowering the oscillator frequency will cause an
undesirable increase in the impedance of the pump (C1) and
the reservoir (C2) capacitors. To overcome this, increase
the values of C1 and C2 by the same factor that the
frequency has been reduced. For example, the addition of
a 100pF capacitor between pin 7 (OSC) and pin 8 (V
+) will
lower the oscillator frequency to 1kHz from its nominal
frequency of 10kHz (a multiple of 10), and necessitate a
corresponding increase in the values of C1 and C2 (from
10
µF to 100µF).
Positive Voltage Multiplication
The TC1044S may be employed to achieve positive
voltage multiplication using the circuit shown in Figure 8. In
this application, the pump inverter switches of the TC1044S
are used to charge C1 to a voltage level of V
+ – VF (where V+
is the supply voltage and VF is the forward voltage drop of
diode D1). On the transfer cycle, the voltage on C1 plus the
supply voltage (V
+) is applied through diode D2 to capacitor
C2. The voltage thus created on C2 becomes (2V
+) – (2VF),
or twice the supply voltage minus the combined forward
voltage drops of diodes D1 and D2.
The source impedance of the output (VOUT) will depend
on the output current, but for V
+ = 5V and an output current
of 10mA, it will be approximately 60
Ω.
Cascading Devices
The TC1044S may be cascaded as shown (Figure 5) to
produce larger negative multiplication of the initial supply
voltage. However, due to the finite efficiency of each device,
the practical limit is 10 devices for light loads. The output
voltage is defined by:
VOUT = –n(VIN)
where n is an integer representing the number of devices
cascaded. The resulting output resistance would be ap-
proximately the weighted sum of the individual TC1044S
ROUT values.
Changing the TC1044S Oscillator Frequency
It may be desirable in some applications (due to noise or
other considerations) to increase the oscillator frequency.
Pin 1, frequency boost pin may be connected to V
+ to
increase oscillator frequency to 45kHz from a nominal of
10kHz for an input supply voltage of 5.0 volts. The oscillator
may also be synchronized to an external clock as shown in
Figure 6. In order to prevent possible device latch-up, a 1k
resistor must be used in series with the clock output. In a
Figure 6. External Clocking
1
2
3
4
8
7
6
5
TC1044S
+
V +
+
CMOS
GATE
10µF
VOUT
10µF
1k
V +
1
2
3
4
8
7
6
5
V
+
1
2
3
4
8
7
6
5
10µF
10µF
"n"
"1"
10µF
VOUT
NOTES:
*
*
+
+
+
TC1044S
TC1044S
1. VOUT = –n(V+) for 1.5V ≤ V+ ≤ 12V
10µF
+
TC1044S
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER


Número de pieza similar - TC1044SMJA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1044SMJA MICROCHIP-TC1044SMJA Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
More results

Descripción similar - TC1044SMJA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com