Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1054-5.0VCT Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

No. de pieza TC1054-5.0VCT
Descripción Electrónicos  50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1054-5.0VCT Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC1054-5.0VCT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1054-5.0VCT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1054-5.0VCT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1054-5.0VCT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1054-5.0VCT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1054-5.0VCT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC1054-5.0VCT Datasheet HTML 10Page - TelCom Semiconductor, Inc TC1054-5.0VCT Datasheet HTML 11Page - TelCom Semiconductor, Inc TC1054-5.0VCT Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TC1055
5
PRELIMINARY INFORMATION
TC1055-01 6/5/97
100mA CMOS LDO WITH SHUTDOWN
AND ERROR OUTPUT
In this example, the TC1055 dissipates a maximum of
only 60mW; far below the allowable limit of 318mW. In a
similar manner, Equation 1 and Equation 2 can be used to
calculate maximum current and/or input voltage limits. For
example, the maximum allowable VIN is found by substitut-
ing the maximum allowable power dissipation of 318mW
into Equation 1, from which VINMAX = 5.9V.
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads, and wide power
supply bus lines combine to lower
θJA and therefore in-
crease the maximum allowable power dissipation limit.
PD ≈ (VINMAX – VOUTMIN)ILOADMAX
Where:
PD = Worst case actual power dissipation
VIN
MAX = Maximum voltage on VIN
VOUT
MIN = Minimum regulator output voltage
ILOAD
MAX = Maximum output (load) current
Equation 1.
The maximum
allowable power dissipation (Equation 2)
is a function of the maximum ambient temperature (TAMAX),
the maximum allowable die temperature (125
°C) and the
thermal resistance from junction-to-air (
θJA). SOT-23A-5
package has a
θJA of approximately 220°C/Watt when
mounted on a single layer FR4 dielectric copper clad PC
board.
PD
MAX = (TJMAX – TJMAX)
θJA
Where all terms are previously defined.
Equation 2.
Equation 1 can be used in conjunction with Equation 2
to ensure regulator thermal operation is within limits. For
example:
Given:
VIN
MAX = 3.0V ±5%
VOUT
MIN = 2.7V ±0.5V
ILOAD = 40mA
TAMAX = 55°C
Find:
1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD ≈ (VINMAX – VOUTMIN)ILOADMAX
= [(3.0 x 1.05) – (2.7 x .995)]40 x 10–3
= 18.5mW
Maximum allowable power dissipation:
PDMAX = (TJ
MAX – TAMAX)
θJA
= (125 – 55)
220
= 318mW


Número de pieza similar - TC1054-5.0VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1054-5.0VCT MICROCHIP-TC1054-5.0VCT Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1054-5.0VCT713 MICROCHIP-TC1054-5.0VCT713 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC1054-5.0VCT713 MICROCHIP-TC1054-5.0VCT713 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
More results

Descripción similar - TC1054-5.0VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
logo
TelCom Semiconductor, I...
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
logo
TelCom Semiconductor, I...
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com