Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1072-3.3VCH Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

No. de pieza TC1072-3.3VCH
Descripción Electrónicos  50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1072-3.3VCH Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC1072-3.3VCH Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1072-3.3VCH Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1072-3.3VCH Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1072-3.3VCH Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1072-3.3VCH Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1072-3.3VCH Datasheet HTML 9Page - TelCom Semiconductor, Inc TC1072-3.3VCH Datasheet HTML 10Page - TelCom Semiconductor, Inc TC1072-3.3VCH Datasheet HTML 11Page - TelCom Semiconductor, Inc TC1072-3.3VCH Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC1073
2
100mA CMOS LDO WITH SHUTDOWN,
ERROR OUTPUT AND VREF BYPASS
PRELIMINARY INFORMATION
TC1073-01 6/5/97
ELECTRICAL CHARACTERISTICS: VIN = VOUT + 1V, IL = 0.1mA, CL = 3.3µF, SHDN > VIH, TA = 25
°C, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIN
Input Operating Voltage
Note 9
6.5
V
IOUTMAX
Maximum Output Current
Note 9
100
——
mA
VOUT
Output Voltage
Notes 1, 9
VR – 2.5%
VR ±0.5%
VR + 2.5%
V
TC VOUT
VOUT Temperature Coefficient
Note 2, 9
20
ppm/
°C
40
∆VOUT/∆VIN
Line Regulation
(VR + 1V) < VIN < 6V
0.05
%
∆VOUT/VOUT
Load Regulation
IL = 0.1mA to IOUTMAX
0.5
%
(Note 3)
VIN – VOUT
Dropout Voltage (Note 4)
IL = 0.1mA
20
mV
IL = 20mA
70
IL = 50mA
100
IL =100mA
200
(Note 4)
IGND
Ground Pin Current
IL = IOUTMAX, (Note 5, 9)
0
µA
IIN
Supply Current
SHDN = VIH, IL = 0
50
80
µA
IINSD
Shutdown Supply Current
SHDN = 0V
0.05
µA
ROUT
Output Resistance during Shutdown
SHDN < VIL
100 x VR
160 x VR
—k
PSRR
Power Supply Rejection Ratio
FRE ≤ 1kHz
64
dB
IOUTSC
Output Short Circuit Current
VOUT = 0V
300
500
mA
∆VOUT/∆PD
Thermal Regulation
Note 6
0.04
%/W
TSD
Thermal Shutdown Die Temperature
160
°C
∆TSD
Thermal Shutdown Hysteresis
10
°C
eN
Output Noise
IL = IOUTMAX
260
nV/
√Hz
470pF from Bypass to GND
SHDN Input
VIH
SHDN Input High Threshold
VIN = 2.5V to 6.5V
45
%VIN
VIL
SHDN Input Low Threshold
VIN = 2.5V to 6.5V
15
%VIN
ABSOLUTE MAXIMUM RATINGS*
Input Voltage ................................................................. 7V
Output Voltage .................................. (– 0.3) to (VIN + 0.3)
Power Dissipation .................... Internally Limited (Note 7)
Operating Temperature .................... – 40
°C < TJ < 125°C
Storage Temperature ............................ – 65
°C to +150°C
Maximum Voltage On Any Pin .......... VIN + 0.3V to – 0.3V
*Stresses beyond those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.


Número de pieza similar - TC1072-3.3VCH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1072-3.3VCH713 MICROCHIP-TC1072-3.3VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
More results

Descripción similar - TC1072-3.3VCH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com