Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1072-3.3VCH Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc |
|
TC1072-3.3VCH Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc |
11 / 12 page TC1073 5 PRELIMINARY INFORMATION TC1073-01 6/5/97 100mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS The following equation is used to calculate worst case actual power dissipation: PD ≈ (VINMAX – VOUTMIN)ILOADMAX Where: PD = Worst case actual power dissipation VIN MAX = Maximum voltage on VIN VOUT MIN = Minimum regulator output voltage ILOAD MAX = Maximum output (load) current Equation 1. The maximum allowable power dissipation (Equation 2) is a function of the maximum ambient temperature (TAMAX), the maximum allowable die temperature (125 °C) and the thermal resistance from junction-to-air ( θJA). SOT-23A-6 packag has a θJA of approximately 220°C/Watt when mounted on a single layer FR4 dielectric copper clad PC board. PD MAX = (TJMAX – TJMAX) θJA Where all terms are previously defined. Equation 2. Equation 1 can be used in conjunction with Equation 2 to ensure regulator thermal operation is within limits. For example: Given: VIN MAX = 3.0V ±10% VOUT MIN = 2.7V ±0.5V ILOAD = 98mA TAMAX = 55°C Find: 1. Actual power dissipation 2. Maximum allowable dissipation Actual power dissipation: PD ≈ (VINMAX – VOUTMIN)ILOADMAX = [(3.0 x 1.1) – (2.7 x .995)]40 x 10–3 = 60mW Maximum allowable power dissipation: PD MAX = (TJMAX – TAMAX) θJA = (125 – 55) 220 = 318mW In this example, the TC1073 dissipates a maximum of only 60mW; far below the allowable limit of 318mW. In a similar manner, Equation 1 and Equation 2 can be used to calculate maximum current and/or input voltage limits. For example, the maximum allowable VIN is found by sustituting the maximum allowable power dissipation of 318mW into Equation 1, from which VINMAX = 5.9V. Layout Considerations The primary path of heat conduction out of the package is via the package leads. Therefore, layouts having a ground plane, wide traces at the pads, and wide power supply bus lines combine to lower θJA and therefore in- crease the maximum allowable power dissipation limit. |
Número de pieza similar - TC1072-3.3VCH |
|
Descripción similar - TC1072-3.3VCH |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |