Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC170CPE Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

No. de pieza TC170CPE
Descripción Electrónicos  CMOS CURRENT MODE PWM CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC170CPE Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TC170CPE Datasheet HTML 1Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 2Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 3Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 4Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 5Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 6Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 7Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-125
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
CMOS CURRENT MODE
PWM CONTROLLER
TC170
Figure 6 . Oscillator Circuit
Figure 7.
Oscillator Frequency vs Oscillator Resistance
where: RO = Oscillator Resistor (kΩ)
CO = Oscillator Capacitor (pF)
TD = Output Dead Time (sec)
Maximum possible duty cycle is set by the dead time.
50
45
40
35
30
25
20
15
10
5
0
20
40
60
80 100 120 140 160 180 200
TA = +25°C
250pF
500pF
OSCILLATOR FREQUENCY (kHz)
750pF
1000pF
2.3V 4.3V
I
CHARGE
2.3V
RO
8
CO
9
1 mA
DISCHARGE
CURRENT
SYNC
10
VDD
2.3V
PIN 8
PIN 10
1
ON-TIME
OUTPUT DEAD TIME (TD)
+
RO
FO
TD =
Oscillator Frequency and Output Dead Time
The oscillator frequency for RO = 24kΩ and
CO = 1000pF is:
where: RO = Oscillator Resistor (Ω)
CO = Oscillator Capacitor (F)
FO = Oscillator Frequency (Hz)
The oscillator resistor can range from 5 k
Ω to 50 kΩ.
Oscillator capacitor can range from 250 pF to 1000 pF.
Figure 7 shows typical operation for various resistance and
capacitance values.
During transitions between the two outputs, simulta-
neous conduction is prevented. Oscillator fall time controls
the output off, or dead time (Figure 6).
Dead time is approximately:
]
[
FO =
1.27
2800
CO
ROCO
RO
2C
O
CO + 150 × 10
–12
2000 [CO]
1 –
( )
2.3
RO


Número de pieza similar - TC170CPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC170CPE MICROCHIP-TC170CPE Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
More results

Descripción similar - TC170CPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
logo
Anpec Electronics Corop...
APW38HC42 ANPEC-APW38HC42 Datasheet
136Kb / 11P
   CMOS Current-Mode PWM Voltage Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com