Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KAV20W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza KAV20W
Descripción Electrónicos  Surface Mount Switching Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAV20W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAV20W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
Features
Fast switching speed
Suface mount package ldeally suited for automatic insertion
For general purpose switching applications
Marking
NO.
KAV19W
KAV20W
KAV21W
Marking
A8orT2orT3
T2orT3
T3
Surface Mount Switching Diode
KAV19W - KAV21W
(BAV19W - BAV21W)
Electrical Characteristics Ta = 25
Symbol Testconditons
Min
Typ
Max
Unit
KAV19W
120
KAV20W
200
KAV21W
250
IF = 100mA
1.0
IF = 200mA
1.25
Peak Reverse Current
Tj = 25
100
nA
?@ Rated DC Blocking Voltage*
Tj = 100
15
A
Cj
VR = 0V, f = 1.0MHz
5.0
pF
trr
IF =IR = 30mA,Irr =0.1 XIR,RL = 100
50
ns
* Short duration pulse test used to minimize self-heating effect.
V
IR=100
A
V
Reverse Recovery Time
Forward Voltage *
VFM
Junction Capacitance
Parameter
Reverse breakdown voltage*
V (BR)R
IRM
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
KAV19W
KAV20W
KAV21W
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak repetitive peak reverse voltage
VRRM
Working peak
VRWM
DC blocking voltage
VR
RMS reverse voltage
VR(RMS)
71
106
141
V
Average Rectifed Output Current
IO
mA
Forward continuous current
IFM
mA
Non-Repetitive Peak Forward Surge Curren @t=1.0
s
@t=1.0s
Non-Repetitive Peak Forward Surge Curren
IFRM
mA
Power dissipation
Pd
mW
Thermal resistance junction to ambient
RèJA
/W
Operating and Storage Temperature Range
Tj ,TSTG
V
100
150
200
-65to+150
400
625
250
500
200
IFSM
2.5
0.5
A


Número de pieza similar - KAV20W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
KAV20WS KEXIN-KAV20WS Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results

Descripción similar - KAV20W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com