Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza BC847A
Descripción Electrónicos  NPN General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC847A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC847A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC847A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BC846,BC847,BC848
hFE Classification
TYPE
BC846
BC846A
BC846B
Marking
1D
1A
1B
TYPE
BC847
BC847A
BC847B
BC847C
Marking
1H
1E
1F
1G
TYPE
BC848
Marking
1K
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
VCB =30V, IE = 0
15
nA
ICBO
VCB =30V, IE =0, Tj = 150
5ìA
IEBO
VEB =5V, IC = 0
100
nA
BC846
110
450
BC847
110
800
BC846A,BC847A
110
180
220
BC846B,BC847B,BC848B
200
290
450
BC847C
420
520
800
IC =10mA; IB = 0.5 mA
90
250
mV
IC = 100 mA; IB = 5 mA; *
200
600
mV
IC =10mA; IB = 0.5 mA
700
mV
IC = 100 mA; IB = 5 mA; *
900
mV
IC =2mA; VCE = 5 V
580
660
700
mV
IC =10mA; VCE = 5 V
770
mV
CC
VCB =10V; IE =Ie=0;f = 1MHz
2.5
pF
fT
VCE =5V; IC = 10 mA;f = 100 MHz
100
MHz
NF
IC = 200ìA; VCE =5V;RS =2kÙ;
f
= 1 kHz;B = 200 Hz
210
dB
* Pulse test: tp
300µs, ä
0.02.
Transition frequency
Parameter
DC current gain
hFE
Collector-emitter saturation voltage
VCE(sat)
Noise figure
IC =2mA; VCE =5V
Collector cutoff current
Collector capacitance
Emitter cutoff current
Base-emitter saturation voltage
VBE(sat)
VBE
Base-emitter voltage


Número de pieza similar - BC847A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC847A ONSEMI-BC847A Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Guangdong Kexin Industr...
BC847A KEXIN-BC847A Datasheet
1Mb / 3P
   NPN Transistors
logo
E-Tech Electronics LTD
BC847A ETL-BC847A Datasheet
194Kb / 4P
   General Purpose Transistors
logo
Diotec Semiconductor
BC847A DIOTEC-BC847A Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
Diodes Incorporated
BC847A DIODES-BC847A Datasheet
452Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 22 - 2
More results

Descripción similar - BC847A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com