Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC660COA Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

No. de pieza TC660COA
Descripción Electrónicos  100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC660COA Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

  TC660COA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC660COA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC660COA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC660COA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC660COA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC660COA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC660COA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC660COA Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4-12
TELCOM SEMICONDUCTOR, INC.
TC660
100mA CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
Figure 8. Positive Voltage Doubler
Figure 9. Improved Voltage Doubler
1
2
3
4
8
7
6
5
R = 0.1 – 1M
C1
200
R
D
VOUT
= 2 VIN
VIN
C2
TC660
Figure 10. Combined Negative Converter and Positive Multiplier
Figure 9 shows an improved way of using the TC660 as
a voltage doubler.
In this circuit, C1 is first charged to VIN and C2 is quickly
brought to within a diode drop of VIN (to prevent substrate
reversal) through D. The optional 200
Ω resistor is only to
limit the brief latchup current.
On the next half-cycle, VIN is in series with C1; C2 is then
charged to 2 VIN. D is now reverse-biased and plays no
further part. For VIN < 3V, R may be necessary to ensure
startup.
Combined Negative Voltage Conversion
and Positive Supply Multiplication
Figure 10 combines the functions shown in Figures 3
and 8 to provide negative voltage conversion and positive
voltage multiplication simultaneously. In this instance, ca-
pacitors C1 and C3 perform the pump and reservoir func-
tions, respectively, for the generation of the negative volt-
age, while capacitors C2 and C4 are pump and reservoir,
respectively, for the multiplied positive voltage. There is a
penalty in this configuration in that the source impedances
of the generated supplies will be somewhat higher due to
the finite impedance of the common charge pump driver at
pin 2 of the device.
Figure 11. Positive Voltage Multiplier
1
2
3
4
8
7
6
5
+
V +
VOUT =
(2 V +) – (2 VF)
C1
D1
+
+
C3
C4
VOUT = –V
+
C2
TC660
D2
+
1
2
3
4
8
7
6
5
V+
VOUT =
(2 V+) – (2 VF)
+
C2
D1
D2
+
C1
TC660
Efficient Positive Voltage
Multiplication/Conversion
Since the switches that allow the charge pumping op-
eration are bidirectional, the charge transfer can be per-
formed backward as easily as forward. Figure 11 shows a
TC660 transforming –5V to +5V. The only problem here is
that the internal clock and switch-drive section will not
operate until some positive voltage has been generated. A
diode and resistor shown dotted in Figure 11 can be used to
"force" the internal regulator on.
1
2
3
4
8
7
6
5
+
VOUT = –V
150
µF
+
1 M
V– INPUT
C1
150
µF
TC660


Número de pieza similar - TC660COA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC664 MICROCHIP-TC664 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC664EUN MICROCHIP-TC664EUN Datasheet
695Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
More results

Descripción similar - TC660COA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com