Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7116A Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

No. de pieza TC7116A
Descripción Electrónicos  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7116A Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC7116A Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3-207
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PIN DESCRIPTION
40-Pin PDIP/
44-Pin
40-PinCerDIP
Plastic Quad
Pin Number
Flat Package
Normal
Pin Number
Symbol
Description
1
8
HLDR
Hold pin, Logic 1 holds present display reading.
29
D1
Activates the D section of the units display.
310
C1
Activates the C section of the units display.
411
B1
Activates the B section of the units display.
512
A1
Activates the A section of the units display.
613
F1
Activates the F section of the units display.
714
G1
Activates the G section of the units display.
815
E1
Activates the E section of the units display.
916
D2 Activates the D section of the tens display.
10
17
C2
Activates the C section of the tens display.
11
18
B2
Activates the B section of the tens display.
12
19
A2
Activates the A section of the tens display.
13
20
F2
Activates the F section of the tens display.
14
21
E2
Activates the E section of the tens display.
15
22
D3
Activates the D section of the hundreds display.
16
23
B3
Activates the B section of the hundreds display.
17
24
F3
Activates the F section of the hundreds display.
18
25
E3
Activates the E section of the hundreds display.
19
26
AB4
Activates both halves of the 1 in the thousands display.
20
27
POL
Activates the negative polarity display.
21
28
BP
LCD backplane drive output (TC7116/TC7116A).
GND
Digital ground (TC7117/TC7117A).
22
29
G3
Activates the G section of the hundreds display.
23
30
A3
Activates the A section of the hundreds display.
24
31
C3
Activates the C section of the hundreds display.
25
32
G2
Activates the G section of the tens display.
26
34
V
Negative power supply voltage.
27
35
VINT
Integrator output. Connection point for integration
capacitor. See Integration Capacitor section for
additional details.
28
36
VBUFF
Integration resistor connection. Use a 47 k
Ω resistor for
200 mV full-scale range and a 470 k
Ω resistor for 2V
full-scale range.
29
37
CAZ
The size of the auto-zero capacitor influences system
noise. Use a 0.47
µF capacitor for 200 mV full scale and
a 0.047
µF capacitor for 2V full scale. See Auto-Zero
Capacitor paragraph for more details.
30
38
V
IN
The analog LOW input is connected to this pin.
31
39
V
+
IN
The analog HIGH input is connected to this pin.
39
40
COMMON
This pin is primarily used to set the analog common-
mode COMMON voltage for battery operation or in
systems where the input signal is referenced to the
power supply. See Analog Common paragraph for more
details. It also acts as a reference voltage source.
TC7116
TC7116A
TC7117
TC7117A
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD


Número de pieza similar - TC7116A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC7116A MICROCHIP-TC7116A Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7116A MICROCHIP-TC7116A Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7116A MICROCHIP-TC7116A Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7116ACKW MICROCHIP-TC7116ACKW Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7116ACLW MICROCHIP-TC7116ACLW Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
More results

Descripción similar - TC7116A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
   3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com