Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5177W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 1N5177W
Descripción Electrónicos  SMALL SIGNAL DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N5177W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1N5177W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SMALLSIGNALDIODES
1N5177W
Features
Low Forward Voltage Drop
Guard Ring Constuction for Transient Protection
Fast Switching Time
Low Reverse Capacitance
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
Marking
Marking
SA
Absolute Maximum Ratings Ta = 25
Paramater
Symbol
Value
Unit
Peak Repetitive Reverse voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Volatge
VR
RMS Reverse Voltage
VR(RMS)
49
V
Maximum Forward Current
IFM
15
mA
Power Dissipation (Note1)
Pd
333
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
I JA
300
/W
Operating Temperature Range
Tj
-55 to+125
Storage Temperature Range
TSTG
-55 to+150
Note:
1. Part mounted on FR-4 board with recommended pad layout.
70
V
Electrical Characteristics Ta = 25
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Reverse Breakdown Voltage (Note 2)
V(BR)R
IR =10
A
70
V
Reverse Leakage Current (Note2)
IR
VR = 50 V
200
nA
IF = 1.0 mA
0.41
IF =15mA
1.00
Total Capacitance
CT
VR = 0v, f = 1.0 MHz
2.0
pF
IF =IR =5.0 mA
Irr = 0.1 x IR,RL = 100
Note:
2. Short duration test pulse used to minimize self-heating effect.
VF
V
Reverse Recovery Time
trr
1.0
ns
Forward Voltage Drop (Note2)


Número de pieza similar - 1N5177W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N5175 NJSEMI-1N5175 Datasheet
82Kb / 1P
   FAST RECTIFIER
1N5178 NJSEMI-1N5178 Datasheet
83Kb / 1P
   FAST RECTIFIER
logo
Microsemi Corporation
1N5179 MICROSEMI-1N5179 Datasheet
82Kb / 2P
   AXIAL LEAD DIODES
logo
New Jersey Semi-Conduct...
1N5179 NJSEMI-1N5179 Datasheet
118Kb / 1P
   FORWARD REGULATOR (Multu-pellet) DIODES
logo
Digitron Semiconductors
1N5179 DIGITRON-1N5179 Datasheet
118Kb / 2P
   STABISTORS TIGHT TOLERANCE
More results

Descripción similar - 1N5177W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
   Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
   Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
   SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
   Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
   SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
   Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
   Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
   Small Signal Diodes
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
   SMALL SIGNAL DIODES
logo
Fairchild Semiconductor
MMBD1401 FAIRCHILD-MMBD1401_02 Datasheet
57Kb / 2P
   Small Signal Diodes
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com