Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1462 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SA1462
Descripción Electrónicos  PNP Silicon Epitaxia Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1462 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1462 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
PNP Silicon Epitaxia Transistor
2SA1462
Features
High speed,high voltage switching.
High ft:fT=1800MHz TYP.
Low Cob:Cob=2.0pF TYP.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
-15
V
Collecto to emitter voltage
VCEO
-15
V
Emitter to base voltage
VEBO
-4.5
V
Collector current
IC
-50
mA
Total power dissipation TA=25
PT
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICES
VCE = -8.0V, RBE=0
-100
nA
Emitter cutoff current
IEBO
VEB = -3.0V, IC=0
-100
nA
VCE = -1.0V , IC = -10mA
50
80
150
VCE = -1.0V , IC =-1mA
30
70
Collector-emitter saturation voltage
VCE(sat) IC = -10mA , IB = -1.0mA
-0.09
-0.20
V
Base-emitter saturation voltage
VBE(sat) IC = -10mA , IB = -1.0mA
-0.98
-0.95
V
Gain bandwidth product
fT
VCE = -10V , IE = 10mA
800
1800
MHz
Output capacitance
Cob
VCB = -5.0V , IE = 0 , f = 1.0MHz
2.0
3.0
pF
Turnput Capacitance
ton
9.0
20
ns
Storage Time
tstg
16
40
ns
Turn-off Time
toff
19
40
ns
* Pulse test: tp
350 ìs; Duty Cycle
2%
IC = -10mA , IB1 =IB1 = -1.0mA
DC current gain *
hFE
hFE Classification
Marking
Y33
Y34
hFE
50
100
75
150


Número de pieza similar - 2SA1462

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SA1462 NEC-2SA1462 Datasheet
188Kb / 4P
   HIGH SPEED SWITCHING PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD???
2SA1462-T1B NEC-2SA1462-T1B Datasheet
188Kb / 4P
   HIGH SPEED SWITCHING PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD???
2SA1462-T2B NEC-2SA1462-T2B Datasheet
188Kb / 4P
   HIGH SPEED SWITCHING PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD???
2SA1462Y33 NEC-2SA1462Y33 Datasheet
188Kb / 4P
   HIGH SPEED SWITCHING PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD???
2SA1462Y34 NEC-2SA1462Y34 Datasheet
188Kb / 4P
   HIGH SPEED SWITCHING PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD???
More results

Descripción similar - 2SA1462

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SA1362 KEXIN-2SA1362 Datasheet
35Kb / 1P
   Silicon PNP Epitaxia
2SA1385-Z KEXIN-2SA1385-Z Datasheet
40Kb / 1P
   Silicon PNP Epitaxia
2SA1463 KEXIN-2SA1463 Datasheet
52Kb / 1P
   PNP Silicon Epitaxia
2SA1365 KEXIN-2SA1365 Datasheet
38Kb / 1P
   Silicon PNP Epitaxia
2SA1611 KEXIN-2SA1611 Datasheet
48Kb / 1P
   PNP Silicon Epitaxia
2SA1948 KEXIN-2SA1948 Datasheet
52Kb / 1P
   Silicon PNP Epitaxia
2SA1411 KEXIN-2SA1411 Datasheet
38Kb / 1P
   Silicon PNP Epitaxia
2SA1464 KEXIN-2SA1464 Datasheet
38Kb / 1P
   PNP Silicon Epitaxia
2SA1461 KEXIN-2SA1461 Datasheet
38Kb / 1P
   PNP Silicon Epitaxia
2SA1608 KEXIN-2SA1608 Datasheet
48Kb / 1P
   PNP Silicon Epitaxia
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com