Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX585C12 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza BZX585C12
Descripción Electrónicos  Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZX585C12 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BZX585C12 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZX585C12 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
2
BZX585 Series
Min.
Max.
Min.
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
Max.
2%
5%
6V2
6.08
6.32
5.89
6.51
40
150
6
10
2.2
250
6.0
E1
H1
6V8
6.66
6.94
6.46
7.14
30
80
6
15
3.0
215
6.0
E2
H2
7V5
7.35
7.65
7.13
7.88
15
80
2
10
3.6
170
4.0
E3
H3
8V2
8.04
8.36
7.79
8.61
20
80
2
10
4.3
150
4.0
E4
H4
9V1
8.92
9.28
8.65
9.56
20
100
2
10
5.2
120
3.0
E5
H5
10
9.80
10.20
9.50
10.50
20
150
2
10
6.0
110
3.0
E6
H6
11
10.78
11.22
10.45
11.55
25
150
2
10
6.9
110
2.5
E7
H7
12
11.76
12.24
11.40
12.60
25
150
2
10
7.9
105
2.5
E8
H8
13
12.74
13.26
12.35
13.65
25
170
2
10
8.8
105
2.5
E9
H9
15
14.70
15.30
14.25
15.76
25
200
3
15
10.7
100
2.0
E0
H0
16
15.68
16.32
15.20
16.80
50
200
10
40
12.4
90
1.5
EA
HA
18
17.64
18.36
17.10
18.90
50
225
10
45
14.4
80
1.5
EB
HB
20
19.60
20.40
19.00
21.00
60
225
15
55
16.4
70
1.5
EC
HC
22
21.56
22.44
20.90
23.10
60
250
20
55
18.4
60
1.25
ED
HD
24
23.52
24.48
22.80
25.20
60
250
25
70
20.4
55
1.25
EE
HE
27
26.46
27.54
25.65
28.35
65
300
25
80
23.4
50
1.0
EF
HF
30
29.40
30.60
28.50
31.50
70
300
30
80
26.6
50
1.0
EG
HG
33
32.34
33.66
31.35
34.65
75
325
35
80
29.7
45
0.9
EH
HH
36
35.28
36.72
34.20
37.80
80
350
35
90
33.0
45
0.8
EK
HK
39
38.22
39.78
37.05
40.95
80
350
40
130
36.4
45
0.7
EL
HL
43
42.14
43.86
40.85
45.15
85
375
45
150
41.2
40
0.6
EM
HM
47
46.06
47.94
44.65
49.35
85
375
50
170
46.1
40
0.5
EN
HN
51
49.98
52.02
48.45
53.55
90
400
60
180
51.0
40
0.4
EP
HP
56
54.88
57.12
53.20
58.80
100
425
70
200
57.0
40
0.3
ER
HR
62
60.76
63.24
58.90
65.10
120
450
80
215
64.4
35
0.3
ES
HS
68
66.64
69.36
64.60
71.40
150
475
90
240
71.7
35
0.25
ET
HT
75
73.50
76.50
71.25
78.75
170
500
95
255
80.2
35
0.2
EU
HU
Temp.
Coeff.
SZ (mV/K)
@IZ =5mA
Diode Cap.
Cd (pF)
@
f= 1MHz;
VR =0V
Non-repetitive
peak reverse
current
IZSM (A)
@tp =100
s
Marking
BZX585
Bor C
XXX
Working voltage
VZ (V)
@IZ =5mA
Differential resistance
Rdif (
)
2% (B)
5% (C)
@IZ =1mA
@IZ =5mA


Número de pieza similar - BZX585C12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX585 PHILIPS-BZX585 Datasheet
75Kb / 10P
   Voltage regulator diodes
2004 Jun 22
BZX585 NXP-BZX585 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
logo
Nexperia B.V. All right...
BZX585 NEXPERIA-BZX585 Datasheet
901Kb / 13P
   Voltage regulator diodes
Rev. 5 - 11 October 2016
logo
NXP Semiconductors
BZX585-B/C10 PHILIPS-BZX585-B/C10 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
BZX585-B/C11 PHILIPS-BZX585-B/C11 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
More results

Descripción similar - BZX585C12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com