Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XXX-253X-XX Datasheet(PDF) 1 Page - Advanced Technical Materials Inc.

No. de pieza XXX-253X-XX
Descripción Electrónicos  OUTLINE, W/G-COAX ADAPTER TYPE-N
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATM [Advanced Technical Materials Inc.]
Página de inicio  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

XXX-253X-XX Datasheet(HTML) 1 Page - Advanced Technical Materials Inc.

  XXX-253X-XX Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B
C
A
OR8N4
DATE
AUTH
REV
SHEET
REVISION
MODEL #
ATM DWG #
CAGE CODE
SCALE
SIZE
FRACTIONS: ±1/64
ANGLES: ±1/2°
DO NOT SCALE DWG.
DATE
APPROVALS
THIRD ANGLE
PROJECTION:
UNLESS OTHERWISE NOTED,
DIMENSIONS ARE IN INCHES,
TOLERANCES ARE:
DECIMALS
2 PLACE
3 PLACE
BASIC
DIMENSION
THE INFORMATION IN THIS
DRAWING IS PROPRIETARY AND
SHALL NOT BE USED OR
DISCLOSED WITHOUT THE PRIOR
WRITTEN CONSENT OF ATM, INC.
ADVANCED TECHNICAL MATERIALS, INC.
TEL: (631) 289-0363 FAX: (631) 289-0358
www.atmmicrowave.com
FINISH
TREATMENT
MATERIAL
APRVD.
CHKD.
DRAWN
DATE
AUTH
REV
DATE
AUTH
REV
DATE
AUTH
REV
DATE
AUTH
REV
A
B
C
WR62
1.08
1.00
0.65
WR75
1.09
1.00
0.63
WR90
1.10
1.00
0.63
WR102
1.18
1.64
1.14
WR112
1.05
1.14
0.67
WR137
1.11
2.00
1.47
WR159
1.20
2.33
1.70
WR187
1.24
2.60
1.90
WR229
1.37
2.25
1.35
WR284
1.49
2.50
1.51
WR340
1.67
3.50
2.29
WR430
1.89
4.00
2.30
WR650
2.44
5.00
2.40
DIMENSION (INCHES)
WG SIZE
CL
CL


Número de pieza similar - XXX-253X-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Technical Mate...
XXX-258-X ATM-XXX-258-X Datasheet
44Kb / 1P
   OUTLINE, WG-COAX ADAPTOR (TYPE-SC)
XXX-259-X ATM-XXX-259-X Datasheet
42Kb / 1P
   OUTLINE, RECT. WG-COAX ADAPTOR, 7/16 CONN
More results

Descripción similar - XXX-253X-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Technical Mate...
250-253-XX ATM-250-253-XX Datasheet
81Kb / 1P
   OUTLINE, WRD250 W/G-COAX ADAPTER, TYPE-N
WR28 ATM-WR28 Datasheet
130Kb / 1P
   OUTLINE, W/G-COAX ADAPTER - ENDLAUNCH TYPE SMA&TYPE-N
28-25KX-X ATM-28-25KX-X Datasheet
136Kb / 1P
   OUTLINE, WR28 W/G-COAX ADAPTER, TYPE-K
42-251ZA-6 ATM-42-251ZA-6 Datasheet
75Kb / 1P
   OUTLINE, WR42 W/G COAX ADAPTER.
62-255X-6 ATM-62-255X-6 Datasheet
79Kb / 1P
   OUTLINE, WR62 TNC-F W/G-COAX ADAPTER
475-253-XX ATM-475-253-XX Datasheet
43Kb / 1P
   OUTLINE, WRD475 WG-COAX ADAPTER TYPE-N
T5027A ATM-T5027A Datasheet
83Kb / 1P
   OUTLINE, COAX TERMINATION, 50W, TYPE-N
180-25K-XX ATM-180-25K-XX Datasheet
77Kb / 1P
   OUTLINE, WRD180 WG-COAX ADAPTER
580-253-XX ATM-580-253-XX Datasheet
53Kb / 1P
   OUTLINE, WRD580 WG-COAX ADQPTER, TYPE-N
650-253-XX ATM-650-253-XX Datasheet
34Kb / 1P
   OUTLINE, WRD650 WG-COAX ADAPTOR, TYPE-N
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com