Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1000 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SD1000
Descripción Electrónicos  NPN Silicon Epitaxial Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1000 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1000 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Silicon Epitaxial Transistor
2SD1000
Features
World standard miniature package:SOT-89.
Low collector saturation voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5V
Collector current (DC)
IC
0.7
A
Collector Current (pulse) *
IC
1.0
A
Total power dissipation
PT
2.0
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
* Pulse Test PW
10ms, Duty Cycle
50%.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =60V, IE = 0 A
100
nA
Emitter cutoff current
IEBO
VEB =5.0 V, IC = 0 A
100
nA
VCE =1.0 V, IC = 100 mA
90
200
400
VCE =1.0 V, IC = 500 mA
50
150
Collector saturation voltage *
VCE(sat) IC = 500 mA, IB = 50 mA
0.12
0.4
V
Base saturation voltage *
VBE(sat) IC = 500 mA, IB =50mA
0.9
1.2
V
Base-emitter voltage *
VBE
VCE =6.0 V, IC = 10 mA
600
635
700
mV
Gain bandwidth product
fT
VCE =6.0 V, IE = -10 mA
110
MHz
Output capacitance
Cob
VCB =6V, IE = 0, f = 1.0 MHz
13
pF
* Pulsed: PW
350 ìs, duty cycle
2%
hFE
DC current gain *
hFE Classification
Marking
LM
LL
LK
hFE
90
180
135
270
200
400


Número de pieza similar - 2SD1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SD1000 NEC-2SD1000 Datasheet
218Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SD1000 RENESAS-2SD1000 Datasheet
347Kb / 6P
   Old Company Name in Catalogs and Other Documents
logo
SHIKUES Electronics
2SD1000 SKTECHNOLGY-2SD1000 Datasheet
338Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SD1000-HF KEXIN-2SD1000-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SD1000-K KEXIN-2SD1000-K Datasheet
1Mb / 3P
   NPN Transistors
More results

Descripción similar - 2SD1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com