Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1588 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SA1588
Descripción Electrónicos  Silicon PNP Epitaxial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1588 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1588 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
Silicon PNP Epitaxial
2SA1588
Features
Excellent hFE linearity.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-35
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-500
mA
Base current
IB
-50
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
Storage temperature range
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB=-35V, IE=0
-0.1
ìA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
ìA
DC current gain
hFE
VCE=-1V, IC=-100mA
70
400
Collector-emitter saturation voltage
VCE (sat)
IC=-100mA, IB=-10mA
-0.1
-0.3
V
Transition frequency
fT
VCE=-1V, IC=-100mA
80
MHz
Collector output capacitance
Cob
VCE=-6V, IC=-20mA
4
7
pF
Noise figure
NF
VCB=-6V, IE=0, f=1MHz
1.0
10
dB
hFE Classification
Marking
ZO
ZY
hFE
70
140
120
240


Número de pieza similar - 2SA1588

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1588 TOSHIBA-2SA1588 Datasheet
143Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS
2SA1588 TOSHIBA-2SA1588 Datasheet
332Kb / 3P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
logo
Guangdong Kexin Industr...
2SA1588 KEXIN-2SA1588_15 Datasheet
953Kb / 2P
   PNP Transistors
More results

Descripción similar - 2SA1588

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com