Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD2118 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SD2118
Descripción Electrónicos  Low VCE(sat) Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD2118 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD2118 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Low VCE(sat) Transistor
2SD2118
Features
Low VCE(sat).
Excellent DC current gain characteristics.
NPN silicon transistor.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
6V
5
A (DC)
10
A(Pulse)*
Collector current (pulse) *
ICP
10
A
Collector power dissipation
1
W
TC =25
10
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
* Pw=10ms.
PC
Collector current
IC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC=50ìA
50
V
Collector-emitter breakdown voltage
BVCEO
IC=1mA
20
V
Emitter-base breakdown voltage
BVEBO
IE=50ìA
6
V
Collector cutoff current
ICBO
VCB=40V
0.5
ìA
Emitter cutoff current
IEBO
VEB=5V
0.5
ìA
Collector-emitter saturation voltage
VCE(sat) IC=4 A, IB=0.1A
0.3
1.0
V
DC current transfer ratio
hFE
VCE=2V, IC=0.5A
120
390
Output capacitance
fT
VCE=6V, IE= -50mA, f=100MHz
150
MHz
Transition frequency
Cob
VCB=20V, IE=0A, f=1MHz
30
pF
hFE Classification
Rank
Q
R
hFE
120
270
180
390


Número de pieza similar - 2SD2118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SD2118 ROHM-2SD2118 Datasheet
159Kb / 4P
   Low VCE(sat) Transistor(Strobe flash)
2SD2118 ROHM-2SD2118 Datasheet
109Kb / 5P
   Low VCE(sat) transistor (strobe flash)
logo
TRANSYS Electronics Lim...
2SD2118 TEL-2SD2118 Datasheet
106Kb / 2P
   Plastic-Encapsulated Transistors
logo
SeCoS Halbleitertechnol...
2SD2118 SECOS-2SD2118 Datasheet
486Kb / 3P
   NPN Silicon General Purpose Transistor
logo
Rohm
2SD2118 ROHM-2SD2118 Datasheet
185Kb / 4P
   Low VCE(sat) transistor (strobe flash)
More results

Descripción similar - 2SD2118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
Nanjing International G...
2SD2098 DGNJDZ-2SD2098 Datasheet
451Kb / 3P
   Low VCE(sat) Transistor
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
   Low VCE(sat) Transistor
T3036 KEXIN-T3036 Datasheet
42Kb / 1P
   Low VCE(sat) Transistor
logo
Galaxy Semi-Conductor H...
2SD2098 BILIN-2SD2098 Datasheet
168Kb / 3P
   Low VCE(sat) Transistor
logo
Unisonic Technologies
2SB1424 UTC-2SB1424 Datasheet
150Kb / 2P
   LOW VCE(SAT) TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SB1424 BILIN-2SB1424 Datasheet
187Kb / 4P
   Low VCE(sat) Transistor
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
   Low Vce(sat) NPN Transistor
TSD2444 TSC-TSD2444 Datasheet
45Kb / 3P
   Low Vce(sat) NPN Transistor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com