Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

700-SKICZ24 Datasheet(PDF) 3 Page - Allen-Bradley

No. de pieza 700-SKICZ24
Descripción Electrónicos  Solid-State Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEN-BRADLEY [Allen-Bradley]
Página de inicio  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SKICZ24 Datasheet(HTML) 3 Page - Allen-Bradley

  700-SKICZ24 Datasheet HTML 1Page - Allen-Bradley 700-SKICZ24 Datasheet HTML 2Page - Allen-Bradley 700-SKICZ24 Datasheet HTML 3Page - Allen-Bradley 700-SKICZ24 Datasheet HTML 4Page - Allen-Bradley 700-SKICZ24 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bulletin 700-SK
Solid-State Relays
60
Specifications
Input Sensor Module
Output SSR Module
➊ With a constant current input system. SSR impedance varies with a change in input voltage.
➋ If the SSR operation is continuous ON/OFF, this value should be reduced by 50%. Refer to the “Inrush Current Resistivity” graphs on page 61 for more details.
➌ Refer to "Load Current Versus Ambient Temperature Characteristics" graphs on page 61 for additional details.
Input Sensor Ratings
Cat, No.
Rated Input
Voltage
Operating
Voltage Range
Input
Current
Pick-up Voltage
Drop-out Voltage
700-SKICZ24
12…24V DC
6.6…32V DC
8 mA max.
6.6V DC max.
3.6V DC min.
700-SKICA18
100…240V AC
60…264V AC
15 mA max.
60V AC max.
20V AC min.
Output Logic Ratings
Cat. No.
Logic Level
Supply Voltage
Logic Level
Supply Current Draw
700-SKICZ24
700-SKICA18
4…32V DC
0.1…100 mA
Characteristics
Cat. No.
700-SKICA18
700-SKICZ24
Pick-up time
20 ms max.
0.1 ms max.
Drop-out time
20 ms max.
0.1 ms max.
Response frequency
10 Hz
1 kHz
Output ON voltage drop
1.6 V max.
Leakage current
5
µA max.
VDRM VCEO (V)
80 (ref. value)
80 (ref. value)
Output di/dt (A/uS)
Output dv/dt (V/uS)
Output I2t (A2S)
——
Output Tj (°C) Max.
150
150
Insulation resistance
100 M
Ω min. between input and output
Dielectric strength
4,000V AC, 50/60 Hz for 1 min. between input and output
Vibration resistance (max.)
10…55 Hz, 1.5 mm double amplitude (10 G)
Shock resistance
(max.)
1,000 m/s2
(100 G)
Ambient temperature
Operating
Storage
–30…80
°C (–22…176°F) with no icing or condensation
–30…100
°C (–22…212°F) with no icing or condensation
Standards
UL 508
CSA C22.2
CE, TÜV
Ambient humidity
Operating
45…85% (No condensation)
Weight
Approx. 18 g
Control/Input Ratings
Cat. No.
Rated Control Voltage
Operating Control Voltage Range
Impedance➊
Pick-up
Voltage
Drop-out
Voltage
700-SKOZ2Z25
5…24V DC
4…32V DC
15 mA max.
at 25
°C
(77
°F)
4V DC
max.
1V DC min.
700-SKON2Z25
700-SKOC2Z25
8 mA max.
700-SKOC1Z25
Load/Output Ratings
Cat. No.
Rated Load Voltage
Load Voltage Range
Continuous Load Current
(Resistive)
Max. Inrush Current➋
——
Min.
Max.➌
700-SKOZ2Z25
100…240V AC
75…264V AC
0.05 A
2 A
30 A (@50/60 Hz, 1
cycle)
700-SKON2Z25
700-SKOC2Z25
5…48V DC
4…60V DC
0.01 A
2 A
8 A (10 ms)
700-SKOC1Z25
48…200V DC
40…200V DC
0.01 A
1.5 A
8 A (10 ms)


Número de pieza similar - 700-SKICZ24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
598Kb / 7P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-S30 ALLEN-BRADLEY-700-S30 Datasheet
598Kb / 7P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
More results

Descripción similar - 700-SKICZ24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com