Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

700-HN104 Datasheet(PDF) 2 Page - Allen-Bradley

No. de pieza 700-HN104
Descripción Electrónicos  Solid-State Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEN-BRADLEY [Allen-Bradley]
Página de inicio  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-HN104 Datasheet(HTML) 2 Page - Allen-Bradley

  700-HN104 Datasheet HTML 1Page - Allen-Bradley 700-HN104 Datasheet HTML 2Page - Allen-Bradley 700-HN104 Datasheet HTML 3Page - Allen-Bradley 700-HN104 Datasheet HTML 4Page - Allen-Bradley 700-HN104 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bulletin 700-SC
Solid-State Relays
38
Accessories
➊ Series B retainer clip must be used with Bulletin 700-SC
Description
Pkg. Quantity
Cat. No.
Factory-stocked Item
Screw Terminal Socket — Panel or DIN Rail
Mounting; Guarded Terminal Construction
Order must be in ten or multiples of ten
1
700-HN103
Screw Terminal Socket – Panel or DIN Rail
Mounting. Guarded Terminal Construction
14-blade miniature socket for use with
Bulletin 700-SC relays. This socket has coil
and contact separation as well as the ability
to plug in optional plug in modules (700-A**
accessories: LED, Surge Suppression,
Timing Modules)
10
700-HN104
Screw Terminal Base Socket — Panel or
DIN Rail Mounting; Open Style
Construction
Order must be in multiples of ten
10
700-HN128
DIN Rail Mounting Pack
Standard 35 x 7.5 mm DIN Rail, 1 meter long,
10 rails per package. Order must be for 10
rails or multiples of 10.
10
199-DR1
Pre-printed identification tags — contains
10 sheets of pre-printed and blank tags. Each
sheet contains 13 sets of the markings
CR…9CR, TR…9TR, M…9M, F, R, 1S, and
117 blank tags. Tags are peel-off with sticky
backing for easy placement on relays.
10
700-N40
Blank identification tags — contains 10
sheets of blank identification tags for
customer specialized printing. Each sheet
contains 546 blank tags. Tags are peel-off
with sticky backing for easy placement on
relays.
10
700-N41
Retainer Clip
Secures relay in socket. Order must be for
10 clips or multiples of 10.
10
700-HN114(B)➊✔
ON-Delay Time Module
Voltage Range: 12…24V AC/DC
used with 700-HN153 socket
1
700-AT1
One Shot Timing Module
Voltage Range: 12…24V AC/DC
used with 700-HN153 socket
1
700-AT2
Cat. No. 700-HN103
Cat. No. 700-HN104
Cat. No. 700-HN128
Cat No. 199-DR1
Sample Retainer Clips


Número de pieza similar - 700-HN104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allen-Bradley
700-HN100 ALLEN-BRADLEY-700-HN100 Datasheet
398Kb / 6P
   Solid-State Relays
700-HN108 ALLEN-BRADLEY-700-HN108 Datasheet
398Kb / 6P
   Solid-State Relays
More results

Descripción similar - 700-HN104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com