Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCYK Datasheet(PDF) 1 Page - Linear Technology

No. de pieza LCYK
Descripción Electrónicos  36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCYK Datasheet(HTML) 1 Page - Linear Technology

  LCYK Datasheet HTML 1Page - Linear Technology LCYK Datasheet HTML 2Page - Linear Technology LCYK Datasheet HTML 3Page - Linear Technology LCYK Datasheet HTML 4Page - Linear Technology LCYK Datasheet HTML 5Page - Linear Technology LCYK Datasheet HTML 6Page - Linear Technology LCYK Datasheet HTML 7Page - Linear Technology LCYK Datasheet HTML 8Page - Linear Technology LCYK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3680
1
3680fa
36V, 3.5A, 2.4MHz
Step-Down Switching Regulator
with 75µA Quiescent Current
The LT
®3680 is an adjustable frequency (200kHz to
2.4MHz) monolithic buck switching regulator that accepts
input voltages up to 36V. A high efficiency 95m switch
is included on the die along with a boost Schottky diode
and the necessary oscillator, control, and logic circuitry.
Current mode topology is used for fast transient response
and good loop stability. Low ripple Burst Mode operation
maintains high efficiency at low output currents while
keeping output ripple below 15mV in a typical application.
In addition, the LT3680 can further enhance low output
current efficiency by drawing bias current from the output
when VOUT is above 3V. Shutdown reduces input supply
current to less than 1μA while a resistor and capacitor on
the RUN/SS pin provide a controlled output voltage ramp
(soft-start). A power good flag signals when VOUT reaches
91% of the programmed output voltage. The LT3680 is
available in 10-Pin MSOP and 3mm
× 3mm DFN packages
with exposed pads for low thermal resistance.
Automotive Battery Regulation
Power for Portable Products
Distributed Supply Regulation
Industrial Supplies
Wall Transformer Regulation
Wide Input Voltage Range: 3.6V to 36V
3.5A Maximum Output Current
Low Ripple (<15mVP-P) Burst Mode
® Operation:
IQ = 75μA at 12VIN to 3.3VOUT
Adjustable Switching Frequency: 200kHz to 2.4MHz
Low Shutdown Current: IQ < 1μA
Integrated Boost Diode
Synchronizable Between 250kHz to 2MHz
Power Good Flag
Saturating Switch Design: 95m On-Resistance
0.790V Feedback Reference Voltage
Output Voltage: 0.79V to 30V
Thermal Protection
Soft-Start Capability
Small 10-Pin Thermally Enhanced MSOP and
(3mm
× 3mm) DFN Packages
5V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
6.3V TO 36V
VOUT
5V
3.5A
10μF
0.47μF
680pF
47μF
100k
15k
63.4k
4.7μH
536k
GND
OFF ON
LT3680
3680 TA01a
RUN/SS
BOOST
SYNC
Efficiency
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
OUTPUT CURRENT (A)
0
0.5
50
70
100
1
2
2.5
3680 G01
60
90
80
1.5
3
3.5
VIN = 12V
VIN = 34V
VOUT = 5V
L = 4.7μH
f = 600kHz
VIN = 24V
TYPICAL APPLICATION
DESCRIPTION
FEATURES
APPLICATIONS


Número de pieza similar - LCYK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M-System Co.,Ltd.
LCY MSYSTEM-LCY Datasheet
114Kb / 3P
   Power Transducer Series L-UNIT
logo
Sharp Corporation
LCY-01019 SHARP-LCY-01019 Datasheet
813Kb / 28P
   Color TFT LCD Module
logo
M-System Co.,Ltd.
LCY-110-B MSYSTEM-LCY-110-B Datasheet
114Kb / 3P
   Power Transducer Series L-UNIT
LCY-110-B/Q MSYSTEM-LCY-110-B/Q Datasheet
114Kb / 3P
   Power Transducer Series L-UNIT
LCY-110-C MSYSTEM-LCY-110-C Datasheet
114Kb / 3P
   Power Transducer Series L-UNIT
More results

Descripción similar - LCYK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
logo
Linear Technology
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com